Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GT04H-P05-50K-R11-TR Datasheet(PDF) 16 Page - Everlight Electronics Co., Ltd

Part # GT04H-P05-50K-R11-TR
Description  CRI 75 White LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

GT04H-P05-50K-R11-TR Datasheet(HTML) 16 Page - Everlight Electronics Co., Ltd

Back Button GT04H-P05-50K-R11-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 14Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 15Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 16Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 17Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 18Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 19Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 20Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
16 Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Typical Electrical Characteristics
For Cool-White, Neutral-White, Warm-White
@ Thermal Pad Temperature = 25℃
0
200
400
600
800
1000
1200
1400
5.0
5.5
6.0
6.5
7.0
7.5
Forward Current(mA)
Typical Relative Luminous Flux vs. Forward Current
For Cool-White, Neutral-White, Warm-White
@ Thermal Pad Temperature = 25℃
0
200
400
600
800
1000
1200
1400
0.0
0.4
0.8
1.2
1.6
2.0
Forward Current(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com