Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GT04H-P05-50K-R11-TR Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # GT04H-P05-50K-R11-TR
Description  CRI 75 White LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

GT04H-P05-50K-R11-TR Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button GT04H-P05-50K-R11-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
6
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
PN of the B05 series: Typ. CRI 85 White LEDs
EHP-B05MLG represents by **
Color
Order Code of EHP-B05
Luminous
Flux (lm) [1]
CCT(K)
Forward
Voltage
(V) [2]
CRI
Typ
CRI
Min
[3]
**/KT04H-P05/65K/N52/TR
350-400
400-450
65K-1~65K-4
6.0 - 7.0
85
80
**/KT04H-P05/57K/N52/TR
350-400
400-450
57K-1~57K-4
6.0 - 7.0
85
80
**/KT04H-P05/50K/N52/TR
350-400
400-450
50K-1~50K-4
6.0 - 7.0
85
80
**/KM04H-P05/45K/N52TR
350-400
400-450
45K-1~45K-4
6.0 - 7.0
85
80
**/KM04H-P05/40K/N51/TR
300-350
350-400
40K-1~40K-4
6.0 - 7.0
85
80
**/KM04H-P05/35K/N51/TR
300-350
350-400
35K-1~35K-4
6.0 - 7.0
85
80
**/KM04H-P05/30K/N42/TR
275-300
300-350
30K-1~30K-4
6.0 - 7.0
85
80
**/KM04H-P05/27K/N42/TR
275-300
300-350
27K-1~27K-4
6.0 – 7.0
85
80
Note:
1.
Luminous Flux measurement tolerance: ±10%.
2. Forward Voltage measurement tolerance: ±0.1V.
3. Color Rendering Index measurement tolerance: ±2.
Cool
White
6500
Cool
White
5700
Warm
White
3500
Neutral
White
4000
Neutral
White
4500
Cool
White
5000
Warm
White
2700
Warm
White
3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com