Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5630ACDFB Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 158Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 159Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 160Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 161Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 162Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 163Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 164Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 165Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 165 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 165 of 168
Sep 13, 2011
RX630 Group
REVISION HISTORY
REVISION HISTORY
RX630 Group Datasheet
Rev.
Date
Description
Page
Summary
0.50
May 13, 2011
—
First Edition issued
1.00
Sep 13, 2011 All
1. Overview
2, 4, 6
Table 1.1 Outline of Specifications: Reset, real time clock, package, changed
8 to 9
Table 1.3 List of Products Table, changed
12
Table 1.4 List of Pin Functions: BSCANP pin, added
17
Figure 1.3 Pin Assignments (177-Pin TFLGA), added
18
Figure 1.4 Pin Assignments (176-Pin LFBGA), added
19
Figure 1.5 Pin Assignments (176-Pin LQFP): 16-pin and 18-pin, changed
20
Figure 1.6 Pin Assignments (145-Pin TFLGA), added
21
Figure 1.7 Pin Assignments (144-Pin LQFP): 16-pin, changed
22
Figure 1.8 Pin Assignments (100-Pin TFLGA), added
23
Figure 1.9 Pin Assignments (100-Pin LQFP): 7-pin, changed
25 to 32
Table 1.5 List of Pins and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA), added
41 to 47
Table 1.7 List of Pins and Pin Functions (145-Pin TFLGA), added
55 to 59
Table 1.9 List of Pins and Pin Functions (100-Pin TFLGA), added
4. I/O Registers
75
(1) I/O Register Addresses (Address Order), changed
76
(3) Number of I/O Registers to Access Cycles, changed
77 to 116
Table 5.1 List of I/O Registers, changed
5. Electrical Characteristics
117 to 156
Added
Appendix 1. Port States in Each Processing Mode
157
Figure A. 177-Pin TFLGA (PTLG0177KA-A), added
158
Figure B. 176-Pin LFBGA (PLBG0176GA-A), added
160
Figure D. 145-Pin TFLGA (PTLG0145KA-A), added
162
Figure F. 100-Pin TFLGA (PTLG0100KA-A), added
All trademarks and registered trademarks are the property of their respective owners.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com