Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM6323ATS12AR Datasheet(PDF) 4 Page - Motorola, Inc

Part # SCM6323ATS12AR
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323ATS12AR Datasheet(HTML) 4 Page - Motorola, Inc

  SCM6323ATS12AR Datasheet HTML 1Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 2Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 3Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 4Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 5Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 6Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 7Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 8Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MCM6323A
4
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 0.3 V, TA = 0 to +70°C, Unless Otherwise Noted)
(TA = – 40 to + 85°C for Industrial Temperature Offering)
Logic Input Timing Measurement Reference Level
1.50 V
. . . . . . . .
Logic Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.50 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLE TIMING (See Notes 1, 2, 3, and 4)
P
Sb l
MCM6323A–10
MCM6323A–12
MCM6323A–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
10
—
12
—
15
—
ns
5
Address Access Time
tAVQV
—
10
—
12
—
15
ns
Enable Access Time
tELQV
—
10
—
12
—
15
ns
Output Enable Access Time
tGLQV
—
4
—
5
—
6
ns
6
Output Hold from Address Change
tAXQX
3
—
3
—
3
—
ns
Enable Low to Output Active
tELQX
3
—
3
—
3
—
ns
6, 7, 8
Output Enable Low to Output Active
tGLQX
0
—
0
—
0
—
ns
6, 7, 8
Enable High to Output High–Z
tEHQZ
—
4
—
5
—
6
ns
6, 7, 8
Output Enable High to Output High–Z
tGHQZ
—
4
—
5
—
6
ns
6, 7, 8
Byte Enable Access Time
tBLQV
—
4
—
5
—
6
ns
Byte Enable Low to Output Active
tBLQX
0
—
0
—
0
—
ns
6, 7, 8
Byte High to Output High–Z
tBHQZ
0
5
0
5
0
5
ns
6, 7, 8
NOTES:
1. W is high for read cycle.
2. For common I/O applications, minimization, or elimination of bus contention conditions is necessary during read and write cycles.
3. Device is continuously selected (E = VIL, G = VIL, and LB and/or UB = VIL).
4. Addresses valid prior to or coincident with E going low.
5. All read cycle timings are referenced from the last valid address to the first transitioning address.
6. Transition is measured 200 mV from steady–state voltage.
7. At any given voltage and temperature, tEHQZ (max) < tELQX (min), and tGHQZ (max) < tGLQX (min), both for a given device and from
device to device.
8. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com