Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM6323ATS12AR Datasheet(PDF) 1 Page - Motorola, Inc

Part # SCM6323ATS12AR
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323ATS12AR Datasheet(HTML) 1 Page - Motorola, Inc

  SCM6323ATS12AR Datasheet HTML 1Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 2Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 3Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 4Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 5Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 6Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 7Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 8Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MCM6323A
1
MOTOROLA FAST SRAM
Product Preview
64K x 16 Bit 3.3 V Asynchronous
Fast Static RAM
The MCM6323A is a 1,048,576 bit static random access memory organized
as 65,536 words of 16 bits. Static design eliminates the need for external clocks
or timing strobes; CMOS circuitry reduces power consumption and provides for
greater reliability.
The MCM6323A is equipped with chip enable (E), write enable (W), and output
enable (G) pins, allowing for greater system flexibility and eliminating bus contention
problems. Separate byte enable controls (LB and UB) allow individual bytes to be
written and read. LB controls the 8 DQa bits, while UB controls the 8 DQb bits.
The MCM6323A is available in a 400 mil small–outline J–leaded (SOJ) pack-
age and a 44–lead TSOP Type II package in copper leadframe for optimum
printed circuit board (PCB) reliability.
• Single 3.3 V ± 0.3 V Power Supply
• Fast Access Time: 10, 12, 15 ns
• Equal Address and Chip Enable Access Time
• All Inputs and Outputs are TTL Compatible
• Data Byte Control
• Fully Static Operation
• Power Operation: 140/135/130 mA Maximum, Active AC
• Industrial Temperature Option: – 40 to + 85°C
Part Number: SCM6323AYJ10A
BLOCK DIAGRAM
OUTPUT
ENABLE
BUFFER
ADDRESS
BUFFERS
WRITE
ENABLE
BUFFER
BYTE
ENABLE
BUFFER
ROW
DECODER
COLUMN
DECODER
64K x 16
BIT
MEMORY
ARRAY
HIGH
BYTE
OUTPUT
BUFFER
8
HIGH
BYTE
WRITE
DRIVER
LOW
BYTE
OUTPUT
BUFFER
LOW
BYTE
WRITE
DRIVER
SENSE
AMPS
G
W
LB
8
8
8
8
8
8
8
9
A
CHIP
ENABLE
BUFFER
E
UB
7
HIGH BYTE OUTPUT ENABLE
LOW BYTE OUTPUT ENABLE
HIGH BYTE WRITE ENABLE
LOW BYTE WRITE ENABLE
16
16
8
DQb
8
DQa
This document contains information on a new product under development. Motorola reserves the right
to change or discontinue this product without notice.
Order this document
by MCM6323A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM6323A
YJ PACKAGE
400 MIL SOJ
CASE 919–01
PIN ASSIGNMENT
A
Address Input
. . . . . . . . . . . . . . . . . . . . . . . .
E
Chip Enable
. . . . . . . . . . . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . . . . .
UB
Upper Byte
. . . . . . . . . . . . . . . . . . . . . . . .
LB
Lower Byte
. . . . . . . . . . . . . . . . . . . . . . . . .
DQa
Lower Data Input/Output
. . . . . . . . . . . .
DQb
Upper Data Input/Output
. . . . . . . . . . . .
VDD
+ 3.3 V Power Supply
. . . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . . . . . .
PIN NAMES
5
4
3
2
1
10
9
8
7
6
11
36
37
38
39
40
41
42
35
43
44
34
E
A
A
A
A
DQa
DQa
A
VDD
DQa
DQa
UB
G
A
A
A
DQb
DQb
DQb
VSS
DQb
LB
25
26
27
28
29
30
31
24
32
33
23
12
13
14
15
16
17
18
19
20
21
22
DQb
DQb
DQb
DQb
VDD
A
A
A
NC
A
NC
W
DQa
DQa
DQa
VSS
A
A
DQa
NC
A
A
TS PACKAGE
44–LEAD
TSOP TYPE II
CASE 924A–01
REV 1
10/17/97
© Motorola, Inc. 1997


Similar Part No. - SCM6323ATS12AR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCM6341ZP10A MOTOROLA-SCM6341ZP10A Datasheet
124Kb / 10P
128K x 24 Bit Static Random Access Memory
SCM6341ZP12A MOTOROLA-SCM6341ZP12A Datasheet
124Kb / 10P
128K x 24 Bit Static Random Access Memory
SCM6341ZP15A MOTOROLA-SCM6341ZP15A Datasheet
124Kb / 10P
128K x 24 Bit Static Random Access Memory
SCM6343YJ12A MOTOROLA-SCM6343YJ12A Datasheet
169Kb / 10P
256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ12AR MOTOROLA-SCM6343YJ12AR Datasheet
169Kb / 10P
256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - SCM6323ATS12AR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
64K x 4 Bit Fast Static RAM
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
64K x 16 Static RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
64K x 16 Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com