Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM6323ATS12AR Datasheet(PDF) 12 Page - Motorola, Inc

Part # SCM6323ATS12AR
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323ATS12AR Datasheet(HTML) 12 Page - Motorola, Inc

Back Button SCM6323ATS12AR Datasheet HTML 4Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 5Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 6Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 7Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 8Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 9Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 10Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 11Page - Motorola, Inc SCM6323ATS12AR Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MCM6323A
12
MOTOROLA FAST SRAM
TS PACKAGE
44–LEAD
TSOP TYPE II
CASE 924A–01
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
–––
0.050
–––
1.270
A1
0.002
0.006
0.051
0.152
A2
0.038
0.042
0.965
1.067
b
0.012
0.018
0.305
0.457
b1
0.012
0.016
0.305
0.406
c
0.005
0.008
0.127
0.203
c1
0.004
0.006
0.101
0.152
D1
0.721
0.729
18.313
18.517
e
0.0315 BSC
0.800 BSC
E
0.456
0.470
11.582
11.938
E1
0.396
0.404
10.058
10.262
L
0.016
0.023
0.406
0.584
R1
0.004 REF
0.100 REF
R2
0.004 REF
0.100 REF
q
0
5
0
5
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE MOLD PROTRUSION
IS 0.006 (0.015) PER SIDE.
4. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSIONS. DAMBAR PROTRUSIONS SHALL
NOT ALLOW THE b DIMENSION TO EXCEED 0.023
(0.58).
__
_
_
A
M
0.008
(0.2)
C
B
A
e
C
44
23
122
A
AA
E1
D1
42X
e
4X
44X
0.004 (0.1) C
SEATING
PLANE
22X
E
A2
VIEW A
A1
L
b
(R1)
q
R
(R2)
R
ROTATED 90 CLOCKWISE
BASE METAL
DETAIL A
40 PLACES
SECTION A–A
_
c
b1
c1
/2
Z
M
0.008 (0.2)
T
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; SPD, Strategic Planning Office; 4-32-1,
P.O. Box 5405, Denver, Colorado, 80217. 1-303-675-2140 or 1-800-441-2447
Nishi-Gotanda; Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
Mfax
™ : RMFAX0@email.sps.mot.com – TOUCHTONE 1-602-244-6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1-800-774-1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
– http://sps.motorola.com /mfax /
HOME PAGE : http://motorola.com /sps /
CUSTOMER FOCUS CENTER: 1-800-521-6274
MCM6323A/D
◊



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com