Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0206AYFPR
Description  SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0206AYFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TXS0206AYFPR Datasheet HTML 3Page - Texas Instruments TXS0206AYFPR Datasheet HTML 4Page - Texas Instruments TXS0206AYFPR Datasheet HTML 5Page - Texas Instruments TXS0206AYFPR Datasheet HTML 6Page - Texas Instruments TXS0206AYFPR Datasheet HTML 7Page - Texas Instruments TXS0206AYFPR Datasheet HTML 8Page - Texas Instruments TXS0206AYFPR Datasheet HTML 9Page - Texas Instruments TXS0206AYFPR Datasheet HTML 10Page - Texas Instruments TXS0206AYFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TXS0206A
www.ti.com
SCES833A – NOVEMBER 2011 – REVISED MAY 2012
RECOMMENDED OPERATING CONDITIONS
(1)
Level Translator
VCCA
VCCB
MIN
MAX
UNIT
VCCA
Supply voltage
1.1
3.6
V
VCCB
Supply voltage
1.1
3.6
V
A-Port CMD and
1.1 V to 1.95 V
1.1 V to 1.95 V
DATA I/Os
VCCI – 0.2
VCCI
High-level input
B-Port CMD and
VIH
1.95 V to 3.6 V
1.95 V to 3.6 V
V
voltage
DATA I/Os
EN and CLKA
1.1 V to 3.6 V
1.1 V to 3.6 V
VCCI x 0.65
VCCI
A-Port CMD and
1.1 V to 1.95 V
1.1 V to 1.95 V
DATA I/Os
0
0.15
Low-level input
B-Port CMD and
VIL
1.95 V to 3.6 V
1.95 V to 3.6 V
V
voltage
DATA I/Os
EN and CLKA
1.1 V to 3.6 V
1.1 V to 3.6 V
0
VCCI x 0.35
Active state
0
VCCO
VO
Output voltage
V
3-state
0
3.6
1.1 V to 3.6 V
–100
μA
1.1 V to 1.3 V
–0.5
1.4 V to 1.6 V
–1
IOH
High-level output current (CLK-f output)
1.1 V to 3.6 V
1.65 V to 1.95 V
–2
mA
2.3 V to 2.7 V
–4
3 V to 3.6 V
–8
1.1 V to 3.6 V
100
μA
1.1 V to 1.3 V
0.5
1.4 V to 1.6 V
1
IOL
Low-level output current (CLK-f output)
1.1 V to 3.6 V
1.65 V to 1.95 V
2
mA
2.3 V to 2.7 V
4
3 V to 3.6 V
8
1.1 V to 3.6 V
–100
μA
1.1 V to 1.3 V
–0.5
1.4 V to 1.6 V
–1
IOH
High-level output current (CLK output)
1.1 V to 3.6 V
1.65 V to 1.95 V
–2
mA
2.3 V to 2.7 V
–4
3 V to 3.6 V
–8
1.1 V to 3.6 V
100
μA
1.1 V to 1.3 V
0.5
1.4 V to 1.6 V
1
IOL
Low-level output current (CLK output)
1.1 V to 3.6 V
1.65 V to 1.95 V
2
mA
2.3 V to 2.7 V
4
3 V to 3.6 V
8
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TXS0206A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com