Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0206AYFPR
Description  SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0206AYFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TXS0206AYFPR Datasheet HTML 9Page - Texas Instruments TXS0206AYFPR Datasheet HTML 10Page - Texas Instruments TXS0206AYFPR Datasheet HTML 11Page - Texas Instruments TXS0206AYFPR Datasheet HTML 12Page - Texas Instruments TXS0206AYFPR Datasheet HTML 13Page - Texas Instruments TXS0206AYFPR Datasheet HTML 14Page - Texas Instruments TXS0206AYFPR Datasheet HTML 15Page - Texas Instruments TXS0206AYFPR Datasheet HTML 16Page - Texas Instruments TXS0206AYFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TXS0206A
www.ti.com
SCES833A – NOVEMBER 2011 – REVISED MAY 2012
SWITCHING CHARACTERISTICS
VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted)
VCCB
VCCB
= 1.8 V
= 3.3 V
FROM
TO
PARAMETER
UNIT
± 0.15 V
± 0.3 V
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd
CMDA
CMDB
5.3
3.2
ns
CMDB
CMDA
5.1
3
CLKA
CLKB
4.8
3.1
DATxA
DATxB
5.1
3.2
DATxB
DATxA
9.6
5.1
CLKA
CLK-f
6.8
4.2
ten
EN
B-port
1
1
μs
EN
A-port
1
1
tdis
EN
B-port
410
364
ns
EN
A-port
396
398
trA
CMDA rise time
1.4
4.2
1.4
4.2
ns
CLK-f rise time
0.5
1.5
0.5
1.4
DATxA rise time
1.4
3.4
1.3
3
trB
CMDB rise time
1.4
6.4
0.9
4
ns
CLKB rise time
0.6
5.9
0.5
4.4
DATxB rise time
1.4
14
0.9
14
tfA
CMDA fall time
0.8
2.3
0.8
2.3
ns
CLK-f fall time
0.4
1.3
0.4
1.3
DATxA fall time
0.8
2.2
0.7
2
tfB
CMDB fall time
0.8
6.2
0.8
5
ns
CLKB fall time
0.6
7.8
0.5
4.3
DATxB fall time
0.7
6.8
0.6
5
Channel-to-channel
tSK(O)
1
1
ns
skew
Push-pull driving
60
60
Command
Mbps
Open-drain driving
1
1
Max data rate
Clock
55
55
MHz
Data
60
60
Mbps
OPERATING CHARACTERISTICS
TA = 25°C, VCCA = 1.2 V
VCCB TYP
TEST
PARAMETER
UNIT
CONDITIONS
1.8 V
3.3 V
CLK Enabled
15.1
15
A-port input,
B-port output
DATA Enabled
9.26
9.19
B-port input,
DATA Enabled
12.4
11.9
CL = 0,
A-port output
CpdA
(1)
f = 10 MHz,
pF
CLK Disabled
0.1
0.1
A-port input,
tr = tf = 1 ns
B-port output
DATA Disabled
1.3
1.3
B-port input,
DATA Disabled
0.1
0.1
A-port output
(1)
Power dissipation capacitance per transceiver
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TXS0206A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com