Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RGCT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 18Page - Texas Instruments UCD3138RGCT Datasheet HTML 19Page - Texas Instruments UCD3138RGCT Datasheet HTML 20Page - Texas Instruments UCD3138RGCT Datasheet HTML 21Page - Texas Instruments UCD3138RGCT Datasheet HTML 22Page - Texas Instruments UCD3138RGCT Datasheet HTML 23Page - Texas Instruments UCD3138RGCT Datasheet HTML 24Page - Texas Instruments UCD3138RGCT Datasheet HTML 25Page - Texas Instruments UCD3138RGCT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
4
Functional Overview
4.1
ARM Processor
The ARM7TDMI-S processor is a synthesizable member of the ARM family of general purpose 32-bit
microprocessors. The ARM architecture is based on RISC (Reduced Instruction Set Computer) principles
where two instruction sets are available. The 32-bit ARM instruction set and the 16-bit Thumb instruction
set. The Thumb instruction allows for higher code density equivalent to a 16-bit microprocessor, with the
performance of the 32-bit microprocessor.
The three-staged pipelined ARM processor has fetch, decode and execute stage architecture. Major
blocks in the ARM processor include a 32-bit ALU, 32 x 8 multiplier, and a barrel shifter. A JTAG port is
also available for firmware debugging.
4.2
Memory
The UCD31xx (ARM7TDMI-S) is a Von-Neumann architecture, where a single bus provides access to all
of the memory modules. All of the memory module addresses are sequentially aligned along the same
address range. This is applies to program flash, data flash, ROM and all other peripherals.
Within the UCD31xx architecture, there is a 1024x32-bit Boot ROM that contains the initial firmware
startup routines for PMBUS communication and non-volatile (FLASH) memory download. This boot ROM
is executed after power-up-reset checks if there is a valid FLASH program written. If a valid program is
present, the ROM code branches to the main FLASH-program execution.
UCD31xx also supports customization of the boot program by allowing an alternative booting routine to be
executed from program FLASH. This feature enables assignment of a unique address to each device;
therefore, enabling firmware reprogramming even when several devices are connected on the same
communication bus.
Two separate FLASH memory areas are present inside the device. The 32 kB Program FLASH is
organized as an 8 k x 32 bit memory block and is intended to be for the firmware program. The block is
configured with page erase capability for erasing blocks as small as 1kB per page, or with a mass erase
for erasing the entire program FLASH array. The FLASH endurance is specified at 1000 erase/write
cycles and the data retention is good for 100 years. The 2 kB data FLASH array is organized as a 512 x
32 bit memory (32 byte page size). The Data FLASH is intended for firmware data value storage and data
logging. Thus, the Data FLASH is specified as a high endurance memory of 20 k cycles with embedded
error correction code (ECC).
For run time data storage and scratchpad memory, a 4 kB RAM is available. The RAM is organized as a 1
k x 32 bit array.
4.2.1
CPU Memory Map and Interrupts
When the device comes out of power-on-reset, the data memories are mapped to the processor as
follows:
4.2.1.1
Memory Map (After Reset Operation)
Address
Size
Module
0x0000_0000 – 0x0000_FFFF
16 X 4K
Boot ROM
In 16 repeated blocks of 4K each
0x0001_0000 – 0x0001_7FFF
32K
Program Flash
0x0001_8800 – 0x0001_8FFF
2K
Data Flash
0x0001_9000 – 0x0001_9FFF
4K
Data RAM
22
Functional Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com