Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RGCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 3Page - Texas Instruments UCD3138RGCT Datasheet HTML 4Page - Texas Instruments UCD3138RGCT Datasheet HTML 5Page - Texas Instruments UCD3138RGCT Datasheet HTML 6Page - Texas Instruments UCD3138RGCT Datasheet HTML 7Page - Texas Instruments UCD3138RGCT Datasheet HTML 8Page - Texas Instruments UCD3138RGCT Datasheet HTML 9Page - Texas Instruments UCD3138RGCT Datasheet HTML 10Page - Texas Instruments UCD3138RGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
1.2
Applications
•
Power Supplies and Telecom Rectifiers
•
Power Factor Correction
•
Isolated dc-dc Modules
2
Overview
2.1
Description
The UCD3138 is a digital power supply controller from Texas Instruments offering superior levels of
integration and performance in a single chip solution. The flexible nature of the UCD3138 makes it
suitable for a wide variety of power conversion applications. In addition, multiple peripherals inside the
device have been specifically optimized to enhance the performance of ac/dc and isolated dc/dc
applications and reduce the solution component count in the IT and network infrastructure space.
The UCD3138 is a fully programmable solution offering customers complete control of their application,
along with ample ability to differentiate their solution. At the same time, TI is committed to simplifying our
customer’s development effort through offering best in class development tools, including application
firmware, Code Composer Studio™ software development environment, and TI’s Fusion Power
Development GUI which enables customers to configure and monitor key system parameters.
At the core of the UCD3138 controller are the digital control loop peripherals, also known as Fusion Digital
Power Peripherals (FDPP). Each FDPP implements a high speed digital control loop consisting of a
dedicated Error Analog to Digital Converter (EADC), a PID based 2 pole–2 zero digital compensator and
DPWM outputs with 250 ps pulse width resolution. The device also contains a 12-bit, 265ksps general
purpose ADC with up to 14 channels, timers, interrupt control, JTAG debug and PMBus and UART
communications ports. The device is based on a 32-bit ARM7TDMI-S RISC microcontroller that performs
real-time monitoring, configures peripherals and manages communications. The ARM microcontroller
executes its program out of programmable flash memory as well as on-chip RAM and ROM.
In addition to the FDPP, specific power management peripherals have been added to enable high
efficiency across the entire operating range, high integration for increased power density, reliability, and
lowest overall system cost and high flexibility with support for the widest number of control schemes and
topologies. Such peripherals include: light load burst mode, synchronous rectification, LLC and phase
shifted full bridge mode switching, input voltage feed forward, copper trace current sense, ideal diode
emulation, constant current constant power control, synchronous rectification soft on and off, peak current
mode control, flux balancing, secondary side input voltage sensing, high resolution current sharing,
hardware configurable soft start with pre bias, as well as several other features. Topology support has
been optimized for voltage mode and peak current mode controlled phase shifted full bridge, single and
dual phase PFC, bridgeless PFC, hard switched full bridge and half bridge, and LLC half bridge and full
bridge.
Copyright © 2012, Texas Instruments Incorporated
Overview
7
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com