Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RGCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 2Page - Texas Instruments UCD3138RGCT Datasheet HTML 3Page - Texas Instruments UCD3138RGCT Datasheet HTML 4Page - Texas Instruments UCD3138RGCT Datasheet HTML 5Page - Texas Instruments UCD3138RGCT Datasheet HTML 6Page - Texas Instruments UCD3138RGCT Datasheet HTML 7Page - Texas Instruments UCD3138RGCT Datasheet HTML 8Page - Texas Instruments UCD3138RGCT Datasheet HTML 9Page - Texas Instruments UCD3138RGCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
Highly Integrated Digital Controller for Isolated Power
Check for Samples: UCD3138
1
Introduction
1.1
Features
1
• Digital Control of up to 3 Independent
• Soft Start / Stop with and without Pre-bias
Feedback Loops
• Fast Input Voltage Feed Forward Hardware
– Dedicated PID based hardware
• Primary Side Voltage Sensing
– 2-pole/2-zero configurable
• Copper Trace Current Sensing
– Non-Linear Control
• Flux and Phase Current Balancing for Non-
• Up to 16MHz Error Analog to Digital Converter
Peak Current Mode Control Applications
(EADC)
• Current Share Bus Support
– Configurable Resolution as Small as
– Analog Average
1mV/LSB
– Master/Slave
– Automatic Resolution Selection
• Feature Rich Fault Protection Options
– Up to 8x Oversampling
– 7 High Speed Analog Comparators
– Hardware Based Averaging (up to 8x)
– Cycle-by-Cycle Current Limiting
– 14 bit Effective DAC
– Programmable Fault Counting
• Up to 8 High Resolution Digital Pulse Width
– External Fault Inputs
Modulated (DPWM) Outputs
– 4–10 Digital Comparators
– 250ps Pulse Width Resolution
– Programmable blanking time
– 4ns Frequency Resolution
• Synchronization of DPWM waveforms between
– 4ns Phase Resolution
multiple UCD313x devices
– Adjustable Phase Shift Between Outputs
• 14 channel, 12 bit, 265 ksps General Purpose
– Adjustable Dead-band Between Pairs
ADC with integrated
– Up to 2MHz Switching Frequency
– Programmable averaging filters
• Configurable PWM Edge Movement
– Dual sample and hold
– Trailing Modulation
• Internal Temperature Sensor
– Leading Modulation
• Fully Programmable High-Performance
– Dual Edge Modulation
31.25MHz, 32-bit ARM7TDMI-S Processor
• Configurable Feedback Control
– 32 kByte (kB) Program Flash
– Voltage Mode
– 2 kB Data Flash with ECC
– Average Current Mode
– 4 kB Data RAM
– Peak Current Mode Control
– 4 kB Boot ROM Enables Firmware Boot-Load
in the Field via I2C or UART
– Constant Current
• Communication Peripherals
– Constant Power
– I2C/PMBus
• Configurable Modulation Methods
– 2 UARTs
– Frequency Modulation
• JTAG Debug Port
– Phase Shift Modulation
• Timer capture with selectable input pins
– Pulse Width Modulation
• Up to 5 Additional General Purpose Timers
• Fast, Automatic and Smooth Mode Switching
• Built In Watchdog: BOD and POR
– Frequency Modulation and PWM
• 64-pin QFN and 40-pin QFN packages
– Phase Shift Modulation and PWM
• Operating Temperature: –40°C to 125°C
• High Efficiency and Light Load Management
• Fusion Digital Power GUI Support
– Burst Mode
– Ideal Diode Emulation
– Synchronous Rectifier Soft On/Off
– Low IC Standby Power
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com