Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 12Page - Texas Instruments UCD3138RHAR Datasheet HTML 13Page - Texas Instruments UCD3138RHAR Datasheet HTML 14Page - Texas Instruments UCD3138RHAR Datasheet HTML 15Page - Texas Instruments UCD3138RHAR Datasheet HTML 16Page - Texas Instruments UCD3138RHAR Datasheet HTML 17Page - Texas Instruments UCD3138RHAR Datasheet HTML 18Page - Texas Instruments UCD3138RHAR Datasheet HTML 19Page - Texas Instruments UCD3138RHAR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
V33A = V33D = V33DIO = 3.3V; 1
μF from VREG to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ERROR ADC INPUTS EAP, EAN
EAP-AGND
–0.15
1.998
V
EAP-EAN
-0.256
1.848
V
Error range
AFE = 0
–256
248
mV
AFE = 3
0.95
1
1.20
mV
AFE = 2
1.90
2
2.30
mV
EAP-EAN Error voltage digital resolution
AFE = 1
3.72
4
4.45
mV
AFE = 0
7.3
8
9.10
mV
REA
Input impedance
AGND reference
0.5
M
Ω
IOFFSET
Input offset current
–5
5
μA
Input voltage = 0 V at AFE = 0
–2
2
LSB
Input voltage = 0 V at AFE = 1
-2.5
2.5
LSB
EADC Offset
Input voltage = 0 V at AFE = 2
-3
-3
LSB
Input voltage = 0 V at AFE = 3
-4
4
LSB
Sample Rate
16
MHz
Analog Frond End Amplifier Bandwidth
100
MHz
Gain
1
V/V
A0
Minimum output voltage
100
mV
EADC DAC
DAC range
0
1.6
V
VREF DAC reference resolution
10 bit, No dithering enabled
1.56
mV
VREF DAC reference resolution
With 4 bit dithering enabled
97.6
μV
INL
–3.0
3.0
LSB
DNL
Does not include MSB transition
–2.1
1.6
LSB
DNL at MSB transition
-1.4
LSB
DAC reference voltage
1.58
1.61
V
τ
Settling Time
From 10% to 90%
250
ns
ADC12
IBIAS
Bias current for PMBus address pins
9.5
10.5
μA
Measurement range for voltage monitoring
0
2.5
V
Internal ADC reference voltage
–40°C to 125°C
2.475
2.500
2.525
V
25°C to –40°C
-0.4
Internal ADC reference from 25°C
25°C to 85°C
-1.8
mV
reference voltage(1)
25°C to 125°C
-4.2
ADC12 INL integral nonlinearity(1)
+/-2.5
LSB
ADC12 DNL differential nonlinearity(1)
-0.7/+2.5
LSB
ADC_SAMPLINGSEL = 6 for all ADC12
data, 25 °C to 125 °C
ADC Zero Scale Error
-4
4
mV
ADC Full Scale Error
-35
35
mV
Input bias
2.5 V applied to pin
400
nA
Input leakage resistance
1
M
Ω
Input Capacitance
10
pF
ADC single sample conversion time
3.9
μs
(1)
As designed and characterized. Not 100% tested in production.
16
Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com