Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 46 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 42Page - Texas Instruments UCD3138RHAR Datasheet HTML 43Page - Texas Instruments UCD3138RHAR Datasheet HTML 44Page - Texas Instruments UCD3138RHAR Datasheet HTML 45Page - Texas Instruments UCD3138RHAR Datasheet HTML 46Page - Texas Instruments UCD3138RHAR Datasheet HTML 47Page - Texas Instruments UCD3138RHAR Datasheet HTML 48Page - Texas Instruments UCD3138RHAR Datasheet HTML 49Page - Texas Instruments UCD3138RHAR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
14
Bits [17:4]
Filter Period
24
14
38
18
KCompx
DPWMx Period
Filter YN
S0.23
14.0
14.0
14.0
S14.23
Round to
18 bits,
Clamp to
Positive
Truncate
low 4 bits
X
14.0
PERIOD_MULT_SEL
14.4
18
24
14
38
18
KCompx
DPWMx Period
Loop_VFF
Filter YN (Duty %)
Filter Duty
S0.23
14.0
14.0
14.0
14.0
S14.23
Resonant Duty 14.0
Round to
18 bits,
Clamp to
Positive
Clamp
Filter Output
Clamp High
Filter Output
Clamp Low
X
14.4
14.4
OUTPUT_MULT_SEL
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
There is a final section for the filter, which permits its output to be matched to the DPWM:
This permits the filter output to be multiplied by a variety of correction factors to match the DPWM Period,
to provide for Voltage Feed Forward, or for other purposes. After this, there is another clamp. For resonant
mode, the filter can be used to generate both period and duty cycle.
4.14.1 Loop Multiplexer
The Loop Mux controls interconnections between the filters, front ends, and DPWMs. Any filter, front end,
and DPWM can be combined with each other in many configurations.
It also controls the following connections:
•
DPWM to Front End
•
Front End DAC control from Filters or Constant Current/Constant Power Module
•
Filter Special Coefficients and Feed Forward
•
DPWM synchronization
•
Filter to DPWM
The following control modules are configured in the Loop Mux:
•
Constant Power/Constant Current
•
Cycle Adjustment (Current and flux balancing)
•
Global Period
•
Light Load (Burst Mode)
•
Analog Peak Current Mode
46
Functional Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com