Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 8Page - Texas Instruments UCD3138RHAR Datasheet HTML 9Page - Texas Instruments UCD3138RHAR Datasheet HTML 10Page - Texas Instruments UCD3138RHAR Datasheet HTML 11Page - Texas Instruments UCD3138RHAR Datasheet HTML 12Page - Texas Instruments UCD3138RHAR Datasheet HTML 13Page - Texas Instruments UCD3138RHAR Datasheet HTML 14Page - Texas Instruments UCD3138RHAR Datasheet HTML 15Page - Texas Instruments UCD3138RHAR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
Table 2-1. Pin Functions (continued)
ALTERNATE ASSIGNMENT
CONFIGURABLE
PIN
NAME
PRIMARY ASSIGNMENT
AS A GPIO?
NO. 1
NO. 2
NO. 3
44
DGND
Digital ground
45
V33DIO
Digital I/O 3.3V core supply
46
BP18
1.8V Bypass
47
V33D
Digital 3.3V core supply
48
AGND
Substrate analog ground
49
AGND
Analog ground
50
EAP0
Channel #0, differential analog voltage, positive input
51
EAN0
Channel #0, differential analog voltage, negative input
52
EAP1
Channel #1, differential analog voltage, positive input
53
EAN1
Channel #1, differential analog voltage, negative input
54
EAP2
Channel #2, differential analog voltage, positive input
55
EAN2
Channel #2, differential analog voltage, negative input
56
AGND
Analog ground
57
V33A
Analog 3.3V supply
58
AD00
12-bit ADC, Ch 0, Connected to current source
59
AD01
12-bit ADC, Ch 1, Connected to current source
60
AD02
12-bit ADC, Ch 2, Connected to comparator A, I-share
61
AD05
12-bit ADC, Ch 5
62
AD08
12-bit ADC, Ch 8
63
AD09
12-bit ADC, Ch 9
64
AD11
12-bit ADC, Ch 11
12
Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com