Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM8031MPV#PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8031MPV#PBF
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031MPV#PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8031MPV#PBF Datasheet HTML 3Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 4Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 5Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 6Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 7Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 8Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 9Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 10Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTM8031
7
8031fb
pin FuncTions
SYNC (Pin L6): This is the external clock synchronization
input.GroundthispinforlowrippleBurstMode®operation
at low output loads. Tie to a stable voltage source greater
than 0.7V to disable Burst Mode operation. Do not leave
this pin floating. Tie to a clock source for synchroniza-
tion. Clock edges should have rise and fall times faster
than 1µs. See Synchronization section in Applications
Information.
PGOOD (Pin K7): The PGOOD pin is the open-collector
outputofaninternalcomparator.PGOODremainslowuntil
the ADJ pin is within 10% of the final regulation voltage.
The PGOOD output is valid when VIN is above 3.6V and
RUN/SS is high. If this function is not used, leave this
pin floating.
ADJ (Pin J7): The LTM8031 regulates its ADJ pin to 0.79V.
Connect the adjust resistor from this pin to ground. The
value of RADJ is given by the equation:
RADJ =
196.71
VOUT – 0.79
where RADJ is in kΩ.
block DiagraM
CURRENT
MODE
CONTROLLER
249k
10µF
VOUT
AUX
GND
4.7µH
BIAS
22pF
EMI FILTER
FIN
VIN
GND
SHARE
SYNC
RT
PGOOD
ADJ
8031 BD
RUN/SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com