Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM8031MPV#PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8031MPV#PBF
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031MPV#PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8031MPV#PBF Datasheet HTML 7Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 8Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 9Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 10Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 11Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 12Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 13Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 14Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTM8031
11
8031fb
applicaTions inForMaTion
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the internal
power switching stage and operate internal circuitry. For
proper operation, it must be powered by at least 2.8V. If
the output voltage is programmed to be 2.8V or higher,
simply tie BIAS to AUX. If VOUT is less than 2.8V, BIAS
can be tied to VIN or some other voltage source. In all
cases, ensure that the maximum voltage at the BIAS pin
is both less than 25V and the sum of VIN and BIAS is less
than 56V. If BIAS power is applied from a remote or noisy
voltage source, it may be necessary to apply a decoupling
capacitor locally to the LTM8031.
Load Sharing
TwoormoreLTM8031smaybeparalleledtoproducehigher
currents. This may, however, alter the EMI performance of
theLTM8031s.Todothis,tietheVIN,ADJ,VOUTandSHARE
pins of all the paralleled LTM8031s together. To ensure that
paralleledmodulesstartuptogether,theRUN/SSpinsmay
be tied together, as well. Synchronize the LTM8031s to an
external clock to eliminate beat frequencies, if required.
If the RUN/SS pins are not tied together, make sure that
the same valued soft-start capacitors are used for each
module. An example of two LTM8031 modules configured
for load sharing is given in the Typical Applications sec-
tion. For 2A applications also see the LTM8032, 2A EMC
DC/DC µModule regulator
Burst Mode Operation
To enhance efficiency at light loads, the LTM8031 auto-
matically switches to Burst Mode operation which keeps
the output capacitor charged to the proper voltage while
minimizingtheinputquiescentcurrent.DuringBurstMode
operation, the LTM8031 delivers single cycle bursts of
current to the output capacitor followed by sleep periods
wheretheoutputpowerisdeliveredtotheloadbytheoutput
capacitor. In addition, VIN and BIAS quiescent currents are
reduced to typically 25µA and 60µA respectively during
the sleep time. As the load current decreases towards a
no-loadcondition,thepercentageoftimethattheLTM8031
operates in sleep mode increases and the average input
current is greatly reduced, resulting in higher efficiency.
Burst Mode operation is enabled by tying SYNC to GND. To
disable Burst Mode operation, tie SYNC to a stable voltage
above 0.7V. Do not leave the SYNC pin floating.
Minimum Input Voltage
The LTM8031 is a step-down converter, so a minimum
amountofheadroomisrequiredtokeeptheoutputinregu-
lation. In addition, the input voltage required to turn on is
higherthanthatrequiredtorun,anddependsuponwhether
the RUN/SS is used. As shown in the Typical Performance
Characteristics section, it takes only about 3.6VIN for the
LTM8031 to run a 3.3V output at light load. If RUN/SS is
pulled up to VIN, it takes 5.7VIN to start. If the LTM8031
is enabled via the RUN/SS pin, the minimum voltage to
start at light loads is lower, about 4.4V. Similar curves for
2.5VOUT, 5VOUT and 8VOUT operation are also provided in
the Typical Performance Characteristics section.
Soft-Start
The RUN/SS pin can be used to soft-start the LTM8031,
reducing the maximum input current during start-up. The
RUN/SS pin is driven through an external RC network to
create a voltage ramp at this pin. Figure 1 shows the start-
up and shutdown waveforms with the soft-start circuit. By
choosinganappropriateRCtimeconstant,thepeakstart-up
current can be reduced to the current that is required to
regulate the output, with no overshoot. Choose the value
of the resistor so that it can supply at least 20µA when
the RUN/SS pin reaches 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com