Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM8031MPV#PBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8031MPV#PBF
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031MPV#PBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8031MPV#PBF Datasheet HTML 8Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 9Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 10Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 11Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 12Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 13Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 14Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 15Page - Linear Technology LTM8031MPV#PBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTM8031
12
8031fb
Synchronization
The internal oscillator of the LTM8031 can be synchro-
nized by applying an external 250kHz to 2MHz clock to
the SYNC pin. Do not leave this pin floating. The resistor
tied from the RT pin to ground should be chosen such
that the LTM8031 oscillates 20% lower than the intended
synchronization frequency (see the Frequency Selection
section).TheLTM8031willnotenterBurstModeoperation
while synchronized to an external clock, but will instead
skip pulses to maintain regulation.
Shorted Input Protection
Care needs to be taken in systems where the output will
be held high when the input to the LTM8031 is absent.
This may occur in battery charging applications or in
battery back-up systems where a battery or some other
supply is diode ORed with the LTM8031’s output. If the
VIN pin is allowed to float and the RUN/SS pin is held high
(either by a logic signal or because it is tied to VIN), then
the LTM8031’s internal circuitry will pull its quiescent
current through its internal power switch. This is fine if
your system can tolerate a few milliamps in this state. If
you ground the RUN/SS pin, the internal switch current
will drop to essentially zero. However, if the VIN pin is
grounded while the output is held high, then parasitic
diodes inside the LTM8031 can pull large currents from
the output through the VIN pin, potentially damaging the
applicaTions inForMaTion
Figure 2. The Input Diode Prevents a Shorted Input from
Discharging a Back-Up Battery Tied to the Output. It Also
Protects the Circuit from a Reversed Input. The LTM8031
Runs Only When the Input is Present
VOUT
VIN
RUN/SS
BIAS
RT
ADJ
LTM8031
8031 F02
VOUT
GND
VIN
AUX
SYNC
device. Figure 2 shows a circuit that will run only when
the input voltage is present and that protects against a
shorted or reversed input.
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8031. The LTM8031 is neverthe-
less a switching power supply and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 3
for a suggested layout.
Ensurethatthegroundingandheatsinkingareacceptable.
A few rules to keep in mind are:
1. Place the RADJ and RT resistors as close as possible to
their respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8031. If a capacitor
is connected to the FIN terminals, place it as close
as possible to the FIN terminals, such that its ground
connection is as close as possible to that of the CIN
capacitor.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8031.
8031 F01
IL
0.5A/DIV
VRUN/SS
2V/DIV
VOUT
2V/DIV
RUN/SS
GND
0.22µF
RUN
15k
2ms/DIV
Figure 1. To Soft-Start the LTM8031, Add a Resistor
and Capacitor to the RUN/SS Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com