Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A03TKLC Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # A03TKLC
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A03TKLC Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button A03TKLC Datasheet HTML 3Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AFT09MS031NR1 AFT09MS031GNR1
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 870 MHz
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 7. CW Output Power versus Gate--Source Voltage
25
0.5
1
1.5
2
2.5
3
4
20
5
15
10
30
4.5
Pin, INPUT POWER (WATTS)
15
16
15.5
0.01
2
ηD
Gps
30
50
40
10
20
17.5
17
16.5
18
60
70
80
0.1
Pout
VDD = 13.6 Vdc, IDQ = 500 mA
f = 870 MHz
1
VDD = 12.5 Vdc
Pin =0.3 W
18.5
19
0
Figure 8. Power Gain, CW Output Power and
Drain Efficiency versus Input Power
VDD = 13.6 Vdc, Pin =0.3 W
VDD = 12.5 Vdc, Pin =0.6 W
VDD = 13.6 Vdc, Pin =0.6 W
35
40
45
f = 870 MHz
VDD = 13.6 Vdc, IDQ = 500 mA, Pout =31 W Avg.
f
MHz
Zsource
Ω
Zload
Ω
870
0.28 -- j0.71
0.98 -- j0.52
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 9. Narrowband Series Equivalent Source and Load Impedance — 870 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 Ω
50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com