Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A03TKLC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # A03TKLC
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A03TKLC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  A03TKLC Datasheet HTML 1Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 2Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 3Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS031NR1 AFT09MS031GNR1
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +40
Vdc
Gate--Source Voltage
VGS
--6.0, +12
Vdc
Operating Voltage
VDD
17, +0
Vdc
Storage Temperature Range
Tstg
--65 to +150
°C
Case Operating Temperature
TC
--40 to +150
°C
Operating Junction Temperature (1,2)
TJ
--40 to +225
°C
Total Device Dissipation @ TC =25°C
Derate above 25°C
PD
317
1.59
W
W/°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 81°C, 31 W CW, 13.6 Vdc, IDQ = 500 mA, 870 MHz
RθJC
0.63
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2, passes 2500 V
Machine Model (per EIA/JESD22--A115)
A, passes 100 V
Charge Device Model (per JESD22--C101)
IV, passes 1200 V
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
°C
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =40 Vdc, VGS =0 Vdc)
IDSS
—
—
2
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 13.6 Vdc, VGS =0 Vdc)
IDSS
—
—
1
μAdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
600
nAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =115 μAdc)
VGS(th)
1.6
2.1
2.6
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =1.2 Adc)
VDS(on)
—
0.1
—
Vdc
Forward Transconductance
(VGS =10 Vdc, ID =10 Adc)
gfs
—
7.8
—
S
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com