Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A03TKLC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # A03TKLC
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A03TKLC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button A03TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 11Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 12Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 13Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 14Page - Freescale Semiconductor, Inc A03TKLC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AFT09MS031NR1 AFT09MS031GNR1
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 760--860 MHz BROADBAND
REFERENCE CIRCUIT
750
Gps
f, FREQUENCY (MHz)
Figure 12. Power Gain, CW Output Power and Drain
Efficiency versus Frequency at a Constant Input Power
14
17
16.5
30
66
63
57
40
35
ηD
16
15.5
15
14.5
770
790
810
830
850
870
890
60
VDD = 13.6 Vdc, Pin =1 W
IDQ = 100 mA
Pout
750
Gps
f, FREQUENCY (MHz)
Figure 13. Power Gain, CW Output Power and Drain
Efficiency versus Frequency at a Constant Input Power
14
17
16.5
27
66
64
60
37
32
ηD
16
15.5
15
14.5
770
790
810
830
850
870
890
62
VDD = 12.5 Vdc, Pin =1 W
IDQ = 100 mA
Pout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com