Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MLU1 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU1 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU1 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 120 page
background image
ETPUA17
DSPI_D_PCS[2]
RCH3_A
GPIO[131]
eTPU A channel
DSPI D peripheral chip select
Reaction channel 3A
GPIO
P
A1
A2
G
001
010
100
000
131
I/O
O
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
38
H3
Y1
ETPUA18
DSPI_D_PCS[3]
RCH4_A
GPIO[132]
eTPU A channel
DSPI D peripheral chip select
Reaction channel 4A
GPIO
P
A1
A2
G
001
010
100
000
132
I/O
O
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
37
H4
W3
ETPUA19
DSPI_D_PCS[4]
RCH5_A
GPIO[133]
eTPU A channel
DSPI D peripheral chip select
Reaction channel 5A
GPIO
P
A1
A2
G
001
010
100
000
133
I/O
O
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
36
J2
W2
ETPUA20
IRQ[8]
RCH0_B
FR_A_TX
GPIO[134]
eTPU A channel
External interrupt request
Reaction channel 0B
FlexRay transmit data channel A
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
134
I/O
I
O
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
35
J1
W1
ETPUA21
IRQ[9]
RCH0_C
FR_A_RX
GPIO[135]
eTPU A channel
External interrupt request
Reaction channel 0C
FlexRay receive channel A
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
135
I/O
I
O
I
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
34
G4
N4
ETPUA22
IRQ[10]
ETPUA17_O
GPIO[136]
eTPU A channel
External interrupt request
eTPU A channel (output only)
GPIO
P
A1
A2
G
001
010
100
000
136
I/O
I
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
32
H2
N3
ETPUA23
IRQ[11]
ETPUA21_O
FR_A_TX_EN
GPIO[137]
eTPU A channel
External interrupt request
eTPU A channel (output only)
FlexRay ch. A transmit enable
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
137
I/O
I
O
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
30
H1
M1
ETPUA24
IRQ[12]
DSPI_C_SCK_LVDS
GPIO[138]
eTPU A channel
External interrupt request
LVDS negative DSPI clock
GPIO
P
A1
A2
G
001
010
100
000
138
I/O
I
O
I/O
VDDEH1 /
Slow +
LVDS
— /
WKPCFG
— /
WKPCFG
28
G1
M2
ETPUA25
IRQ[13]
DSPI_C_SCK_LVDS+
GPIO[139]
eTPU A channel
External interrupt request
LVDS positive DSPI clock
GPIO
P
A1
A2
G
001
010
100
000
139
I/O
I
O
I/O
VDDEH1 /
Medium +
LVDS
— /
WKPCFG
— /
WKPCFG
27
G3
M3
ETPUA26
IRQ[14]
DSPI_C_SOUT_LVDS
GPIO[140]
eTPU A channel
External interrupt request
LVDS negative DSPI data out
GPIO
P
A1
A2
G
001
010
100
000
140
I/O
I
O
I/O
VDDEH1 /
Slow +
LVDS
— /
WKPCFG
— /
WKPCFG
26
F3
L2
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com