Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MLU1 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU1 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU1 Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
61
Electrical characteristics
JT = thermal characterization parameter (°C/W)
PD = power dissipation in the package (W)
The thermal characterization parameter is measured in compliance with the JESD51-2 specification using a 40-gauge type T
thermocouple epoxied to the top center of the package case. Position the thermocouple so that the thermocouple junction rests
on the package. Place a small amount of epoxy on the thermocouple junction and approximately 1 mm of wire extending from
the junction. Place the thermocouple wire flat against the package case to avoid measurement errors caused by the cooling
effects of the thermocouple wire.
References:
•
Semiconductor Equipment and Materials International
3081 Zanker Road
San Jose, CA 95134
USA
Phone (+1) 408-943-6900
•
MIL-SPEC and EIA/JESD (JEDEC) specifications available from Global Engineering Documents (phone (+1)
800-854-7179 or (+1) 303-397-7956)
•
JEDEC specifications available on the Web at http://www.jedec.org
•
C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an Automotive Engine
Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47-54.
•
G. Kromann, S. Shidore, and S. Addison, “Thermal Modeling of a PBGA for Air-Cooled Applications”, Electronic
Packaging and Production, pp. 53-58, March 1998.
•
B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance and Its Application
in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp. 212-220.
3.4
EMI (electromagnetic interference) characteristics
Table 12. EMI testing specifications1
1 EMI testing and I/O port waveforms per standard IEC 61967-2.
Symbol
Parameter
Conditions
fOSC/fBUS
Frequency
Level
(max)
Unit
VRE_TEM Radiated emissions,
electric field
VDD =5.25V;
TA =+25 °C
150 kHz–30 MHz —
RBW 9 kHz, step size
5kHz
30 MHz–1 GHz —
RBW 120 kHz, step
size 80 kHz
16 MHz crystal
40 MHz bus
No PLL frequency
modulation
150 kHz–50 MHz
20
dBµV
50–150 MHz
20
150–500 MHz
26
500–1000 MHz
26
IEC Level
K
—
SAE Level
3
—
16 MHz crystal
40 MHz bus
±2% PLL frequency
modulation
150 kHz–50 MHz
13
dBµV
50–150 MHz
13
150–500 MHz
11
500–1000 MHz
13
IEC Level
L
—
SAE Level
2
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com