Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MLU1 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU1 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU1 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 54Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5642AF2MLU1 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
54
Freescale Semiconductor
Pinout and signal description
Table 6. Power/ground segmentation
Power segment
Voltage
I/O pins powered by segment
VDDE5
3.0 V – 3.6 V DATA[0:15], CLKOUT, ENGCLK
VDDE12
3.0 V – 3.6 V CAL_CS0, CAL_CS2, CAL_CS3, CAL_ADDR[12:30], CAL_DATA[0:15],
CAL_RD_WR, CAL_WE0, CAL_WE1, CAL_OE, CAL_TS
VDDE-EH
3.0 V – 5.5 V FR_A_TX, FR_A_TX_EN, FR_A_RX, FR_B_TX, FR_B_TX_EN, FR_B_RX
VDDEH1
3.3 V – 5.5 V ETPUA[10:31]
VDDEH4
3.3 V – 5.5 V EMIOS[0:23], TCRCLKA, ETPUA[0:9]
VDDEH6
3.3 V – 5.5 V RESET, RSTOUT, PLLREF, PLLCFG1, RSTCFG, BOOTCFG0, BOOTCFG1,
WKPCFG, CAN_A_TX, CAN_A_RX, CAN_B_TX, CAN_B_RX, CAN_C_TX,
CAN_C_RX, SCI_A_TX, SCI_A_RX, SCI_B_TX, SCI_B_RX, SCI_C_TX,
SCI_C_RX, DSPI_B_SCK, DSPI_B_SIN, DSPI_B_SOUT, DSPI_B_PCS[0:5],
EXTAL, XTAL
VDDEH7
3.3 V – 5.5 V EMIOS14, EMIOS15, GPIO[98:99], GPIO[203:204], GPIO[206], GPIO[207],
GPIO[219], EVTI, EVTO, MDO[4:11], MSEO0, MSEO1, RDY, TCK, TDI, TDO,
TMS, JCOMP, DSPI_A_SCK, DSPI_A_SIN, DSPI_A_SOUT, DSPI_A_PCS[0:1],
DSPI_A_PCS[4:5], AN12-SDS, AN13-SDO, AN14-SDI, AN15-FCK
VDDA
5.0 V
AN[0:11], AN[16:39], VRH, VRL, REFBYBC
VRC33
3.3 V
MCKO, MDO[0:3]
Other power segments
VDDREG
5.0 V
—
VRCCTL
—
—
VDDPLL
1.2 V
—
VSTBY
0.9 V – 6.0 V
—
VSS
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com