Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPL3115A2R1 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPL3115A2R1
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2R1 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2R1 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MPL3115A2
Sensors
30
Freescale Semiconductor, Inc.
7.11
Pressure/Altitude Window
7.11.1 P_WND_MSB, P_WND_LSB (0x19, 0x1A)
Pressure/Altitude window value. Unsigned 16-bit value of window value in meters or in 2 Pa units
7.12
Temperature Window
7.12.1 T_WND (0x1B)
Temperature alarm window value. Unsigned 8-bit value
C.
7.13
Minimum Pressure
7.13.1 P_MIN_MSB, P_MIN_CSB, P_MIN_LSB (0x1C, 0x1D, 0x1E)
Register with captured minimum Pressure/Altitude value.
The Altitude data is arranged as 20-bit 2’s complement value in meters. Stored as meters with the 16 bits of P_MIN_MSB and
P_MIN_CSB and with fractions of a meter stored in 4 bits in position 7-4 of P_MIN_LSB.
The Pressure is arranged as 20-bit unsigned data in Pascals. The first 18 bits are located in P_MIN_MSB, P_MIN_CSB and
bits 7-6 of P_MIN_LSB. The 2 bits in position 5-4 of P_MIN_LSB represent the fractional component.
The register is cleared on power-up or manually by writing ‘0’ to the registers
Table 44. P_WND_LSB Register
7
6
5
432
1
0
R
P_W15
P_W 14
P_W 13
P_W 12
P_W 11
P_W 10
P_W 9
P_W 8
W
Reset
0
0
0
000
0
0
Table 45. P_WND_MSB Description
7
6543
21
0
R
P_W7
P_W 6
P_W 5
P_W 4
P_W 3
P_W 2
P_W 1
P_W 0
W
Reset
0
0000
00
0
Table 46. T_WND Register
7
654
32
1
0
R
T_W7
T_W6
T_W5
T_W4
T_W3
T_W2
T_W1
T_W0
W
Reset
0
000
00
0
0
Table 47. P_MIN_MSB Register
7
6
5
43
210
R
P_MIN 19
P_MIN 18
P_MIN 17
P_MIN 16
P_MIN 15
P_MIN 14
P_MIN 13
P_MIN 12
W
Reset
0
0
0
00
000
Table 48. P_MIN_CSB Register
7
654
32
1
0
R
P_MIN 11
P_MIN 10
P_MIN 9
P_MIN 8
P_MIN 7
P_MIN 6
P_MIN 5
P_MIN 4
W
Reset
0
000
00
0
0
Table 49. P_MIN_LSB Register
7
6543
21
0
R
P_MIN 3
P_MIN 2
P_MIN 1
P_MIN0
00
00
W
Reset
0
0000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com