Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPL3115A2R1 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPL3115A2R1
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2R1 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2R1 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
33
Note: RAW bit overrides the ALT mode and writes uncompensated Pressure and Temperature data
7.17.2 CTRL_REG2 (0x27)
OS[2:0]
Oversample Ratio. These bits select the oversampling ratio. Value is 2OS. The default value is 000 for a ratio of 1.
RAW
RAW output mode. RAW bit will output ADC data with no post processing, except for oversampling. No scaling or offsets will be
applied in the digital domain. The FIFO must be disabled and all other functionality: Alarms, Deltas, and other interrupts are
disabled.
ALT
Altimeter-Barometer mode.
Default value: 0
1: Part is in Altimeter Mode
0: Part is in Barometer mode
Table 59. System Output Sample Rate Selection
OS2
OS1
OS0
Oversample
Ratio
Minimum Time
Between
Data Samples
0001
6 ms
0012
10 ms
0104
18 ms
0118
34 ms
1
0
0
16
66 ms
1
0
1
32
130 ms
1
1
0
64
258 ms
1
1
1
128
512 ms
Table 60. CTRL_REG2 Register
7
6543
21
0
R0
0
LOAD_OUTP
UT
ALARM_SEL
ST[3]
ST[2]
ST[1]
ST[0]
W
Reset
0
0000
00
0
Table 61. CTRL_REG2 Bit Descriptions
Name
Description
ST[3:0]
Auto acquisition time step.
Default value: 0
Step value is 2ST: Giving a range of 1 second to 215 seconds (9 hours)
ALARM_SEL
The bit selects the Target value for SRC_PW/SRC_TW and SRC_PTH/SRC_TTH
Default value: 0
0: The values in P_TGT_MSB, P_TGT_LSB and T_TGT are used (Default)
1: The values in OUT_P/OUT_T are used for calculating the interrupts SRC_PW/SRC_TW and SRC_PTH/SRC_TTH.
LOAD_OUTPUT
This is to load the target values for SRC_PW/SRC_TW and SRC_PTH/SRC_TTH.
Default value: 0
0: Do not load OUT_P/OUT_T as target values
1: The next values of OUT_P/OUT_T are used to set the target values for the interrupts.
Note:
1. This bit must be set at least once if ALARM_SEL=1
2. To reload the next OUT_P/OUT_T as the target values clear and set again.
Table 58. CTRL_REG1 Bit Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com