Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPL3115A2R1 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPL3115A2R1
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2R1 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2R1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MPL3115A2
Sensors
18
Freescale Semiconductor, Inc.
The number of bytes per transfer is unlimited. If the master can't receive another complete byte of data until it has performed
some other function, it can hold the clock line, SCL low to force the transmitter into a wait state. Data transfer only continues when
the master is ready for another byte and releases the clock line.
A low to high transition on the SDA line while the SCL line is high is defined as a stop condition (STOP). A data transfer is
always terminated by a STOP. A master may also issue a repeated START during a data transfer. Device expects repeated
STARTs to be used to randomly read from specific registers.
The standard 7-bit I2C slave address is 0x60 or 1100000. 8-bit read is 0xC1, 8-bit write is 0xC0.
Consult factory for alternate addresses. For further information and examples, please read application note AN4519 Sensor
I2C Setup and FAQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com