Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MVZ3 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MVZ3
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MVZ3 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MVZ3 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
VDD
Core supply for input or decoupling
—
—
I
1.2 V
I / —
VDD
33, 45, 62,
103, 132,
149, 176
B1, B16,
C2, D3,
E4, N5,
P4, P13,
R3, R14,
T2, T15
A2, A20,
A21, B3,
C4, C22,
D5, W20,
Y4, Y21,
AA3, AA22
VDDE12
External supply input for calibration bus
interfaces
—
—
I
3.0 V – 3.6 V
I / —
VDDE12
—
—
—
VDDE5
External supply input for ENGCLK and
CLKOUT
—
—
I
3.0 V – 3.6 V
I / —
VDDE5
—
T13
N11, W5,
W8
VDDE-EH
External supply for EBI interfaces
—
—
I
3.0 V – 5.0 V
I / —
VDDE-EH
—
—
R3, V2
VDDEH1A18
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH1A18
31
—
—
VDDEH1B18
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH1B18
41
—
—
VDDEH1AB18
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH1AB18
—K4
K4
VDDEH419
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH419
———
VDDEH4A19
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH4A19
55
—
—
VDDEH4B19
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH4B19
74
—
—
VDDEH4AB19
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH4AB19
—
N9
W14,
AA19
VDDEH620
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH620
———
VDDEH6A20
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH6A20
95
—
—
VDDEH6B20
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH6B20
110
—
—
VDDEH6AB20
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH6AB20
—
F13
M22, U19
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com