Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MVZ3 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MVZ3
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MVZ3 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MVZ3 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
67
Electrical characteristics
3.8
DC electrical specifications
Table 19. Power sequence pin states—Medium, slow and multi-voltage type pads
VDDEH
VDD
Pin state
Low
X
Low
VDDEH
Low
High impedance
VDDEH
VDD
Functional
Table 20. DC electrical specifications1
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VDD
SR
P Core supply voltage
—
1.14
—
1.32
V
VDDE
SR
P I/O supply voltage
—
3.0
—
3.6
V
VDDEH
SR
P I/O supply voltage
—
3.0
—
5.25
V
VDDE-EH
SR
P I/O supply voltage
—
3.0
—
5.25
V
VRC33
SR
P 3.3 V regulated voltage2
—3.0
—
3.6
V
VDDA
SR
P Analog supply voltage
—
4.753
—5.25
V
VINDC
SR
C Analog input voltage
—
VSSA  0.3
—
VDDA +0.3
V
VSS – VSSA
SR
D VSS differential voltage
—
–100
—
100
mV
VRL
SR
D Analog reference low
voltage
—VSSA
—VSSA +0.1
V
VRL – VSSA
SR
D VRL differential voltage
—
–100
—
100
mV
VRH
SR
D Analog reference high
voltage
—VDDA  0.1
—
VDDA
V
VRH – VRL
SR
P VREF differential voltage
—
4.75
—
5.25
V
VDDF
SR
P Flash operating voltage4
—
1.14
—
1.32
V
VFLASH
5
SR
P Flash read voltage
—
3.0
—
3.6
V
VSTBY
SR
C SRAM standby voltage
Unregulated mode
0.95
—
1.2
V
Regulated mode
2.0
—
5.5
VDDREG
SR
P Voltage regulator supply
voltage6
—
4.75
—
5.25
V
VDDPLL
SR
P Clock synthesizer
operating voltage
—
1.14
—
1.32
V
VSSPLL – VSS SR
D VSSPLL to VSS differential
voltage
—
–100
—
100
mV
VIL_S
SR
P Slow/medium I/O input low
voltage
Hysteresis enabled
VSS  0.3
—
0.35 * VDDEH
V
P
Hysteresis disabled
VSS  0.3
—
0.40 * VDDEH
VIL_F
SR
P Fast I/O input low voltage
Hysteresis enabled
VSS  0.3
—
0.35 * VDDE
V
P
Hysteresis disabled
VSS  0.3
—
0.40 * VDDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com