Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MVZ3 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MVZ3
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MVZ3 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MVZ3 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5642AF2MVZ3 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
81
Electrical characteristics
Table 33. Flash EEPROM module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
P/E
CC
D Number of program/erase
cycles per block for 16 KB,
48 KB, and 64 KB blocks over
the operating temperature
range (TJ)
—
100,000
—
cycles
P/E
CC
D Number of program/erase
cycles per block for 128 KB and
256 KB blocks over the
operating temperature range
(TJ)
—
1,000
100,000
cycles
Retention
CC
D Minimum data retention at
85 °C
Blocks with 0 – 1,000
P/E cycles
20
—
years
D
Blocks with 10,000 P/E
cycles
10
—
D
Blocks with 100,000 P/E
cycles
5—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com