Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7891SRHHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7891SRHHT
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891SRHHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC7891SRHHT Datasheet HTML 17Page - Texas Instruments AMC7891SRHHT Datasheet HTML 18Page - Texas Instruments AMC7891SRHHT Datasheet HTML 19Page - Texas Instruments AMC7891SRHHT Datasheet HTML 20Page - Texas Instruments AMC7891SRHHT Datasheet HTML 21Page - Texas Instruments AMC7891SRHHT Datasheet HTML 22Page - Texas Instruments AMC7891SRHHT Datasheet HTML 23Page - Texas Instruments AMC7891SRHHT Datasheet HTML 24Page - Texas Instruments AMC7891SRHHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
Register name: ADC_gain
– Address: 0x38, Default: 0xFF00 (READ/WRITE)
Register
Address
Bit
Name
Function
Default
Name
Value
ADC_gain
0x38
15
adc0_gain
When set to
‘1’ the corresponding analog input channel AIN_n (n = 0, 1,
1
…, 7) input range is 2 × VREF.
14
adc1_gain
1
13
adc2_gain
When cleared to
‘0’ the corresponding input channel AIN_n (n = 0, 1, …,
1
7) input range is VREF.
12
adc3_gain
1
11
adc4_gain
1
10
adc5_gain
1
9
adc6_gain
1
8
adc7_gain
1
7:0
Reserved
Reserved for factory use.
All zeros
Register name: DAC_clear
– Address: 0x39, Default: 0x0000 (READ/WRITE)
Register
Address
Bit
Name
Function
Default
Name
Value
ADC_clear
0x39
15:4
Reserved
Reserved for factory use.
All zeros
3
dac3_clear
When set to
‘1’ clears the corresponding DACout_n (n = 0, 1, …, 3)
0
output to the value specified in register dacn_clear, 0x2F to 0x32.
2
dac2_clear
0
1
dac1_clear
When cleared to
‘0’ the corresponding DACout_n (n = 0, 1, …, 3)
0
output returns to normal operation.
0
dac0_clear
0
Register name: DAC_sync
– Address: 0x3A, Default: 0x0000 (READ/WRITE)
Register
Address
Bit
Name
Function
Default
Name
Value
DAC_sync
0x3A
15:4
Reserved
Reserved for factory use.
All zeros
3
dac3_sync
When set to
‘1’ clears the corresponding DACout_n (n = 0, 1, …, 3) is set to
0
synchronous-mode.
2
dac2_sync
0
1
dac1_sync
When cleared to
‘0’ the corresponding DACout_n (n = 0, 1, …, 3) is set to
0
asynchronous-mode.
0
dac0_sync
0
Register name: AMC_power
– Address: 0x3B, Default: 0x0000 (READ/WRITE)
Register
Address
Bit
Name
Function
Default
Name
Value
AMC_power
0x3B
15
Reserved
Reserved for factory use.
0
14
adc_on
When cleared to '0' the primary ADC is in power-down mode.
0
When set to '1' the primary ADC is in active mode.
13
ref_on
When cleared to '0' the internal reference buffer is in power-down mode; the
0
device is in External ADC Reference mode and the REF pin is an input.
When set to '1' the internal reference buffer is active; the device is in
Internal ADC Reference mode and the REF pin is an output.
12
dac0_on
When cleared to '0' DAC0 is in power-down mode. DACout_0 is in
0
high-impedance state.
When set to '1' DAC0 is in active mode.
11
dac1_on
When cleared to '0' DAC1 is in power-down mode. DACout_1 is in
0
high-impedance state.
When set to '1' DAC1 is in active mode.
10
dac2_on
When cleared to '0' DAC2 is in power-down mode. DACout_2 is in
0
high-impedance state.
When set to '1' DAC2 is in active mode.
9
dac3_on
When cleared to '0' DAC3 is in power-down mode. DACout_3 is in
0
high-impedance state.
When set to '1' DAC3 is in active mode.
8:0
Reserved
Reserved for factory use.
All zeros
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com