Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7891SRHHT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7891SRHHT
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891SRHHT Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC7891SRHHT Datasheet HTML 29Page - Texas Instruments AMC7891SRHHT Datasheet HTML 30Page - Texas Instruments AMC7891SRHHT Datasheet HTML 31Page - Texas Instruments AMC7891SRHHT Datasheet HTML 32Page - Texas Instruments AMC7891SRHHT Datasheet HTML 33Page - Texas Instruments AMC7891SRHHT Datasheet HTML 34Page - Texas Instruments AMC7891SRHHT Datasheet HTML 35Page - Texas Instruments AMC7891SRHHT Datasheet HTML 36Page - Texas Instruments AMC7891SRHHT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AMC7891
CS
µController
SCLK
SDI
SDO
DAV
SPI
MUX
ADC
TEMP
SENSOR
DAC
DAC
DAC
DAC
GPIO
RF Out
Bidirectional Coupler
VGA
Pre-amplifier
Doherty Amplifier
Carrier PA
Peak PA
VDD
RF In
Digital I/O
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
APPLICATION INFORMATION
BASE STATION AMPLIFIER MONITOR AND CONTROL
The AMC7891 is a highly integrated, low-power, complete analog monitoring and control system in a small
package; all of these features make the AMC7891
’s an ideal low-cost, bias control circuit for modern RF
transistor modules such as the power amplifiers (PA) and low-noise amplifiers (LNA) found in RF communication
systems.
The AMC7891 is used in RF amplifier signal chains to set the transistor
’s optimal bias condition as well as to
monitor for any possible malfunction. The AMC7891 four independent DAC outputs allow control of the
transistor
’s gate bias voltages as well as of any variable-gain amplifiers (VGAs) in the signal chain. The
AMC7891 twelve configurable GPIOs enable digital signal control and monitoring. Additionally, the device has 8
uncommitted analog inputs driving a highly precise ADC and an accurate on-chip temperature sensor that allow
continuous monitoring of the main factors determining optimal amplifier operation such as temperature, supply
voltages as well as drain bias currents through external current shunt monitors. The use of external current shunt
monitors gives the system designer the flexibility to choose the optimal number of current measurements for the
amplifier topology as well as the accuracy, voltage range and gain setting according to the drain current level to
be measured. The Texas Instruments
’ INA282 family, which includes the INA282, INA283, INA284, INA285 and
INA286 devices, are highly-accurate, wide common-mode range current shunt monitors with gains going from
50V/V to 1000V/V.
The circuit in Figure 36 shows a typical multi-stage Doherty PA monitoring and control system using the
AMC7891. The AMC7891 DAC outputs are used to set the bias gate voltage of each LDMOS transistor in the PA
as well as to set the gain of the VGA driving the PA. The AMC7891 ADC inputs are used to monitor the most
important parameters in the PA operation: supply voltages, drain bias currents as well as the TX and RX signal
power. The GPIOs give additional system flexibility. In the system example below three GPIOs are used to
address an external 8:1 multiplexer used for giving additional inputs to the AMC7891 ADC.
Figure 36. PA Monitor and Control System
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com