Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7891SRHHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7891SRHHT
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891SRHHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC7891SRHHT Datasheet HTML 3Page - Texas Instruments AMC7891SRHHT Datasheet HTML 4Page - Texas Instruments AMC7891SRHHT Datasheet HTML 5Page - Texas Instruments AMC7891SRHHT Datasheet HTML 6Page - Texas Instruments AMC7891SRHHT Datasheet HTML 7Page - Texas Instruments AMC7891SRHHT Datasheet HTML 8Page - Texas Instruments AMC7891SRHHT Datasheet HTML 9Page - Texas Instruments AMC7891SRHHT Datasheet HTML 10Page - Texas Instruments AMC7891SRHHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS
– (ADC SPECIFICATIONS)
AVDD = 4.75 to 5.5 V, GPIOVDD = 1.8 to 5.5 V, SPIVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, External ADC reference = AVDD,
TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Resolution
10
Bits
INL
Integral nonlinearity
±0.1
±1
LSB
DNL
Differential nonlinearity
Specified monotonic
±0.1
±1
LSB
Offset error
±0.5
±2
LSB
Offset error match
±0.4
LSB
Gain error
±0.5
±2
LSB
Gain error match
±0.4
LSB
CONVERSION TIME
ADC conversion rate
500
kSPS
Autocycle update rate
All 8 ADC input channels enabled
16
µs
Throughput rate
SCLK
≥ 12 MHz, single analog channel
500
kSPS
Conversion delay
Delay from trigger to conversion start
2
4
µs
ANALOG INPUT
Absolute input voltage range
Independent of gain setting
AGND
– 0.2
AVDD + 0.2
V
Gain = 1, adcn_gain =
'0'
0
VREF
V
Full scale input voltage range
Gain = 2, adcn_gain =
'1'
0
2
× VREF
V
Input capacitance(1)
40
pF
DC input leakage current
Measured with ADC in Hold mode
±1
µA
AC PERFORMANCE
SFDR
Spurious Free Dynamic Range
fIN = 1 kHz, –1 dBFS sine wave
76
dBc
SNR
Signal to Noise Ratio
fIN = 1 kHz, –1 dBFS sine wave
61
dBc
SINAD
Signal to Noise+Distortion Ratio
fIN = 1 kHz, –1 dBFS sine wave
60.5
dBc
fIN = 1 kHz, –1 dBFS sine wave, Measured
THD
Total Harmonic Distortion
75
dBc
up to the fifth harmonic
INTERNAL ADC REFERENCE (2)
Internal ADC reference buffered output at
VREF
Reference output voltage
2.5
V
REF pin
Reference buffer power
AVDD = 5 V
360
µA
Reference temperature coefficient
10
ppm/
°C
EXTERNAL ADC REFERENCE
VREF
Reference input voltage
External ADC reference input to REF pin
0.3
AVDD
V
Input resistance(1)
VREF = 5 V, AIN = 5 V
20
k
Ω
TEMPERATURE SENSOR
Operating range
–40
125
°C
Accuracy
TA = –40°C to 125°C, AVDD = 5 V
±1
±2.5
°C
Resolution
LSB size
0.125
°C
Conversion time
15
ms
(1)
Specified by design. Not tested during production.
(2)
Use an external buffer amplifier with high impedance input to drive any external load.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com