Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33814AE Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PC33814AE
Description  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33814AE Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PC33814AE Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33814AE Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
12
33814
ROUT1
Driver Drain-to-Source ON Resistance
•IOUT = 700 mA, TJ = 150 C, VPWR = 13 V
RDS(ON)_R1
–
0.3
0.4
Continuous Current (not to exceed)
IOUT(CC)_R1
–
–
2.0
A
Output Self-limiting Current (Has inrush current timer)
IOUT(LIM)_R1
3.0
–
6.0
A
ROUT2
Driver Drain-to-Source ON Resistance
•IOUT = 350 mA, TJ = 150 C, VPWR = 13 V
RDS(ON)_R2
–
–
1.5
Continuous Current (not to exceed)
IOUT(CC)_R2
–
–
1.0
Output Self-limiting Current
IOUT(LIM)_R2
1.2
–
2.4
LAMPOUT
Driver Drain-to-Source ON Resistance
•IOUT = 1.0 A, TJ = 150 C, VPWR = 13 V
RDS(ON)_LAMP
–
–
1.5
Continuous Current
IOUT(CC)_LAMP
–
-
1.0
A
Output Self-limiting Current (Has inrush current timer)
IOUT(LIM)_
LAMP
1.2
–
2.4
A
TACHOUT
Driver Drain-to-Source ON Resistance
•IOUT = 50 mA, TJ = 150 C, VPWR = 13 V
RDS(ON)_TACH
–
–
20
Continuous Current (not to exceed)
IOUT(CC)_TACH
–
–
50
mA
Output Current Shutdown
IOUT(SHUTDOWN)
_TACH
60
–
110
mA
ALL PRE-DRIVERS (IGNOUT1, IGNOUT2, AND O2HOUT)
Pre-driver Output Voltage, VPWR = 13 V
•IGD = 500 A
•IGD = -500 A
VGS(ON)
VGS(OFF)
7.0
0.0
8.0
0.375
9.0
0.5
V
IGNOUTx Output Source Current (IGNOUT1 and IGNOUT2 by default)
•1.0
VGD 3.0, VPWR = 13 V
IIGN_GD_H
10
–
–
mA
Output OFF Open Load Detection Current
•VDRAIN = 18 V, Outputs Programmed OFF
I(OFF)OCO
40
75
115
A
GPGD Output Source Current (O2HOUT by default) at 1.0
VGD 3.0, 
VPWR = 13 V
IGPGD_GD_H
10
–
–
mA
Pre-driver Output Voltage
•IGD = 500 A
•IGD = -500 A
VIGNFB(FLT-TH)
VGPGD(FLT_TH)
100
1.0
250
2.5
400
4.0
mV
V
Output Clamp Voltage
VCLAMP
48
53
60
V
Over-current Voltage Threshold
•VO2HSENSN to VO2HSENSP
VSENS-TH
180
200
220
mV
Table 4. Power Input Static Electrical Characteristics
Characteristics noted under conditions of 6.0 V
 VPWR  18 V, -40 C  TC  125 C, and Calibrated Timers, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com