Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F5333IPZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5333IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5333IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F5333IPZ Datasheet HTML 45Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 46Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 47Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 48Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 49Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 50Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 51Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 52Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
MSP430F533x
www.ti.com
SLAS721B – AUGUST 2010 – REVISED AUGUST 2012
Internal Very-Low-Power Low-Frequency Oscillator (VLO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fVLO
VLO frequency
Measured at ACLK
1.8 V to 3.6 V
6
9.4
14
kHz
dfVLO/dT
VLO frequency temperature drift
Measured at ACLK(1)
1.8 V to 3.6 V
0.5
%/°C
dfVLO/dVCC VLO frequency supply voltage drift
Measured at ACLK(2)
1.8 V to 3.6 V
4
%/V
Duty cycle
Measured at ACLK
1.8 V to 3.6 V
40
50
60
%
(1)
Calculated using the box method: (MAX(-40 to 85°C) – MIN(-40 to 85°C)) / MIN(-40 to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 to 3.6 V) – MIN(1.8 to 3.6 V)) / MIN(1.8 to 3.6 V) / (3.6 V – 1.8 V)
Internal Reference, Low-Frequency Oscillator (REFO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
REFO oscillator current
IREFO
TA = 25°C
1.8 V to 3.6 V
3
µA
consumption
REFO frequency calibrated
Measured at ACLK
1.8 V to 3.6 V
32768
Hz
fREFO
Full temperature range
1.8 V to 3.6 V
±3.5
%
REFO absolute tolerance
calibrated
TA = 25°C
3 V
±1.5
%
dfREFO/dT
REFO frequency temperature drift
Measured at ACLK(1)
1.8 V to 3.6 V
0.01
%/°C
REFO frequency supply voltage
dfREFO/dVCC
Measured at ACLK(2)
1.8 V to 3.6 V
1.0
%/V
drift
Duty cycle
Measured at ACLK
1.8 V to 3.6 V
40
50
60
%
tSTART
REFO startup time
40%/60% duty cycle
1.8 V to 3.6 V
25
µs
(1)
Calculated using the box method: (MAX(-40 to 85°C) – MIN(-40 to 85°C)) / MIN(-40 to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 to 3.6 V) – MIN(1.8 to 3.6 V)) / MIN(1.8 to 3.6 V) / (3.6 V – 1.8 V)
Copyright © 2010–2012, Texas Instruments Incorporated
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com