Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F5333IPZ Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5333IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5333IPZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSP430F5333IPZ Datasheet HTML 49Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 50Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 51Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 52Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 53Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 54Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 55Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 56Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 101 page
background image
MSP430F533x
www.ti.com
SLAS721B – AUGUST 2010 – REVISED AUGUST 2012
PMM, SVM Low Side (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMLE = 1, dVCORE/dt = 10 mV/µs, SVMLFP = 1
2.5
tpd(SVML)
SVML propagation delay
µs
SVMLE = 1, dVCORE/dt = 1 mV/µs, SVMLFP = 0
20
SVMLE = 0
→1, SVMLFP = 1
12.5
t(SVML)
SVML on/off delay time
µs
SVMLE = 0
→1, SVMLFP = 0
100
Wake-Up From Low-Power Modes and Reset
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLK ≥ 4 MHz
3
6.5
PMMCOREV = SVSMLRRL = n
Wake-up time from LPM2,
tWAKE-UP-FAST
LPM3, or LPM4 to active
(where n = 0, 1, 2, or 3),
µs
1 MHz < fMCLK <
4
8.0
mode(1)
SVSLFP = 1
4 MHz
PMMCOREV = SVSMLRRL = n
Wake-up time from LPM2,
(where n = 0, 1, 2, or 3),
tWAKE-UP-SLOW
LPM3 or LPM4 to active
150
165
µs
mode(2)
SVSLFP = 0
Wake-up time from LPM3.5 or
tWAKE-UP-LPM5
2
3
ms
LPM4.5 to active mode(3)
Wake-up time from RST or
tWAKE-UP-RESET
2
3
ms
BOR event to active mode(3)
(1)
This value represents the time from the wakeup event to the first active edge of MCLK. The wakeup time depends on the performance
mode of the low-side supervisor (SVSL) and low side monitor (SVML). Fastest wakeup times are possible with SVSLand SVML in full
performance mode or disabled when operating in AM, LPM0, and LPM1. Various options are available for SVSLand SVML while
operating in LPM2, LPM3, and LPM4. See the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx
and MSP430x6xx Family User's Guide (SLAU208).
(2)
This value represents the time from the wakeup event to the first active edge of MCLK. The wakeup time depends on the performance
mode of the low-side supervisor (SVSL) and low side monitor (SVML). In this case, the SVSLand SVML are in normal mode (low current)
mode when operating in AM, LPM0, and LPM1. Various options are available for SVSLand SVML while operating in LPM2, LPM3, and
LPM4. See the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx and MSP430x6xx Family User's
Guide (SLAU208).
(3)
This value represents the time from the wakeup event to the reset vector execution.
Timer_A, Timers TA0, TA1, and TA2
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK, ACLK
fTA
Timer_A input clock frequency
External: TACLK
1.8 V, 3 V
20
MHz
Duty cycle = 50% ± 10%
All capture inputs,
tTA,cap
Timer_A capture timing
Minimum pulse duration required for
1.8 V, 3 V
20
ns
capture
Timer_B, Timer TB0
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK, ACLK
fTB
Timer_B input clock frequency
External: TBCLK
1.8 V, 3 V
20
MHz
Duty cycle = 50% ± 10%
All capture inputs,
tTB,cap
Timer_B capture timing
Minimum pulse duration required for
1.8 V, 3 V
20
ns
capture
Copyright © 2010–2012, Texas Instruments Incorporated
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com