Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F5333IPZ Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5333IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5333IPZ Datasheet(HTML) 57 Page - Texas Instruments

Back Button MSP430F5333IPZ Datasheet HTML 53Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 54Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 55Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 56Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 57Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 58Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 59Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 60Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 101 page
background image
MSP430F533x
www.ti.com
SLAS721B – AUGUST 2010 – REVISED AUGUST 2012
USCI (SPI Slave Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
(see Figure 13 and Figure 14)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
1.8 V
11
PMMCOREV = 0
ns
3 V
8
tSTE,LEAD
STE lead time, STE low to clock
2.4 V
7
PMMCOREV = 3
ns
3 V
6
1.8 V
3
PMMCOREV = 0
ns
3 V
3
tSTE,LAG
STE lag time, Last clock to STE high
2.4 V
3
PMMCOREV = 3
ns
3 V
3
1.8 V
66
PMMCOREV = 0
ns
3 V
50
tSTE,ACC
STE access time, STE low to SOMI data out
2.4 V
36
PMMCOREV = 3
ns
3 V
30
1.8 V
30
PMMCOREV = 0
ns
3 V
23
STE disable time, STE high to SOMI high
tSTE,DIS
impedance
2.4 V
16
PMMCOREV = 3
ns
3 V
13
1.8 V
5
PMMCOREV = 0
ns
3 V
5
tSU,SI
SIMO input data setup time
2.4 V
2
PMMCOREV = 3
ns
3 V
2
1.8 V
5
PMMCOREV = 0
ns
3 V
5
tHD,SI
SIMO input data hold time
2.4 V
5
PMMCOREV = 3
ns
3 V
5
UCLK edge to SOMI valid,
1.8 V
76
CL = 20 pF,
ns
3 V
60
PMMCOREV = 0
tVALID,SO
SOMI output data valid time(2)
UCLK edge to SOMI valid,
2.4 V
44
CL = 20 pF,
ns
3 V
40
PMMCOREV = 3
1.8 V
18
CL = 20 pF,
ns
PMMCOREV = 0
3 V
12
tHD,SO
SOMI output data hold time(3)
2.4 V
10
CL = 20 pF,
ns
PMMCOREV = 3
3 V
8
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(Master) + tSU,SI(USCI), tSU,MI(Master) + tVALID,SO(USCI)).
For the master's parameters tSU,MI(Master) and tVALID,MO(Master), see the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SOMI output after the output changing UCLK clock edge. See the timing diagrams
in Figure 13 and Figure 14.
(3)
Specifies how long data on the SOMI output is valid after the output changing UCLK clock edge. See the timing diagrams in Figure 13
and Figure 14.
Copyright © 2010–2012, Texas Instruments Incorporated
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com