Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/04753-16YA Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04753-16YA
Description  FLOATING-POINT DIGTAL SIGNAL PROCESSORS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04753-16YA Datasheet(HTML) 28 Page - Texas Instruments

Back Button V62/04753-16YA Datasheet HTML 24Page - Texas Instruments V62/04753-16YA Datasheet HTML 25Page - Texas Instruments V62/04753-16YA Datasheet HTML 26Page - Texas Instruments V62/04753-16YA Datasheet HTML 27Page - Texas Instruments V62/04753-16YA Datasheet HTML 28Page - Texas Instruments V62/04753-16YA Datasheet HTML 29Page - Texas Instruments V62/04753-16YA Datasheet HTML 30Page - Texas Instruments V62/04753-16YA Datasheet HTML 31Page - Texas Instruments V62/04753-16YA Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
SM320C6711EP, SM320C6711BEP, SM320C6711CEP, SM320C6711DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS054A − AUGUST 2004 − REVISED SEPTEMBER 2005
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
PIN NO.
TYPE†
IPD/
‡
DESCRIPTION
SIGNAL
NAME
GFN
GDP
TYPE†
IPD/
IPU‡
DESCRIPTION
EMIF − DATA (CONTINUED)#
ED15
T19
T19
ED14
T20
T20
ED13
T18
T18
ED12
R20
R20
ED11
R19
R19
ED10
P20
P20
ED9
P18
P18
ED8
N20
N20
I/O/Z
IPU
External data
ED7
N19
N19
I/O/Z
IPU
External data
ED6
N18
N18
ED5
M20
M20
ED4
M19
M19
ED3
L19
L19
ED2
L18
L18
ED1
K19
K19
ED0
K18
K18
TIMER 1
TOUT1
F1
F1
O
IPD
Timer 1 or general-purpose output
TINP1
F2
F2
I
IPD
Timer 1 or general-purpose input
TIMER 0
TOUT0
G1
G1
O
IPD
Timer 0 or general-purpose output
TINP0
G2
G2
I
IPD
Timer 0 or general-purpose input
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
CLKS1
E1
E1
I
IPD
External clock source (as opposed to internal)
On the C6711C/11D device, this pin does not have an internal pulldown (IPD). For
proper C6711C/11D device operation, the CLKS1 pin should either be driven
externally at all times or be pulled up with a 10-k
Ω resistor to a valid logic level.
Because it is common for some ICs to 3-state their outputs at times, a 10-k
Ω
pullup resistor may be desirable even when an external device is driving the pin.
CLKR1
M1
M1
I/O/Z
IPD
Receive clock
CLKX1
L3
L3
I/O/Z
IPD
Transmit clock
DR1
M2
M2
I
IPU
Receive data
On the C6711C/11D device, this pin does not have an internal pullup (IPU). For
proper C6711C/11D device operation, the DR1 pin should either be driven exter-
nally at all times or be pulled up with a 10-k
Ω resistor to a valid logic level. Because
it is common for some ICs to 3-state their outputs at times, a 10-k
Ω pullup resistor
may be desirable even when an external device is driving the pin.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ For C6711/11B, IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal
to the opposite supply rail, a 1-k
Ω resistor should be used.)
For C6711C/11D, IPD = Internal pulldown, IPU = Internal pullup. [These IPD/IPU signal pins feature a 13-k
Ω resistor (approximate) for the IPD
or 18-k
Ω resistor (approximate) for the IPU. An external pullup or pulldown resistor no greater than 4.4 kΩ and 2.0 kΩ, respectively, should be
used to pull a signal to the opposite supply rail.]
# To maintain signal integrity for the EMIF signals, serial termination resistors should be inserted into all EMIF output signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com