Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/04753-16YA Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04753-16YA
Description  FLOATING-POINT DIGTAL SIGNAL PROCESSORS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04753-16YA Datasheet(HTML) 49 Page - Texas Instruments

Back Button V62/04753-16YA Datasheet HTML 45Page - Texas Instruments V62/04753-16YA Datasheet HTML 46Page - Texas Instruments V62/04753-16YA Datasheet HTML 47Page - Texas Instruments V62/04753-16YA Datasheet HTML 48Page - Texas Instruments V62/04753-16YA Datasheet HTML 49Page - Texas Instruments V62/04753-16YA Datasheet HTML 50Page - Texas Instruments V62/04753-16YA Datasheet HTML 51Page - Texas Instruments V62/04753-16YA Datasheet HTML 52Page - Texas Instruments V62/04753-16YA Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
SM320C6711EP, SM320C6711BEP, SM320C6711CEP, SM320C6711DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS054A − AUGUST 2004 − REVISED SEPTEMBER 2005
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PLL and PLL controller [C6711C/C6711D only]
The 320C6711C/C6711D includes a PLL and a flexible PLL controller peripheral consisting of a prescaler (D0)
and four dividers (OSCDIV1, D1, D2, and D3). The PLL controller is able to generate different clocks for different
parts of the system (i.e., DSP core, Peripheral Data Bus, External Memory Interface, McASP, and other
peripherals). Figure 10 illustrates the PLL, the PLL controller, and the clock generator logic.
CLKIN
CLKOUT3
For Use
in System
/1, /2,
..., /32
..., /32
/1, /2,
PLL
x4 to x25
PLLEN (PLL_CSR.[0])
..., /32
/1, /2,
/1, /2,
..., /32
/1, /2,
..., /32
(DSP Core)
SYSCLK1
(Peripherals)
SYSCLK2
ECLKIN
EKSRC Bit
(DEVCFG.[4])
EMIF
† Dividers D1 and D2 must never be disabled. Never write a “0” to the D1EN or D2EN bits in the PLLDIV1 and PLLDIV2 registers.
SYSCLK3
CLKMODE0
(EMIF Clock Input)
C6711C/C6711D DSPs
PLLOUT
PLLREF
DIVIDER D0
OSCDIV1
DIVIDER D1†
DIVIDER D2†
DIVIDER D3
ECLKOUT
1
0
1
0
1
0
PLLHV
C2
C1
EMI filter
+3.3 V
10
µF 0.1 µF
D0EN (PLLDIV0.[15])
ENA
ENA
OD1EN (OSCDIV1.[15])
ENA
ENA
ENA
D1EN (PLLDIV1.[15])
ENA
D2EN (PLLDIV2.[15])
ENA
D3EN (PLLDIV3.[15])
Reserved
NOTES: A. Place all PLL external components (C1, C2, and the EMI Filter) as close to the C67x
 DSP device as possible. For the best
performance, TI recommends that all the PLL external components be on a single side of the board without jumpers, switches, or
components other than the ones shown.
B. For reduced PLL jitter, maximize the spacing between switching signals and the PLL external components (C1, C2, and the EMI
Filter).
C. The 3.3-V supply for the EMI filter must be from the same 3.3-V power plane supplying the I/O voltage, DVDD.
D. EMI filter manufacturer TDK part number ACF451832-333, -223, -153, -103. Panasonic part number EXCCET103U.
Figure 10. PLL and Clock Generator Logic [C6711C/C6711D Only]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com