Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/04753-16YA Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04753-16YA
Description  FLOATING-POINT DIGTAL SIGNAL PROCESSORS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04753-16YA Datasheet(HTML) 37 Page - Texas Instruments

Back Button V62/04753-16YA Datasheet HTML 33Page - Texas Instruments V62/04753-16YA Datasheet HTML 34Page - Texas Instruments V62/04753-16YA Datasheet HTML 35Page - Texas Instruments V62/04753-16YA Datasheet HTML 36Page - Texas Instruments V62/04753-16YA Datasheet HTML 37Page - Texas Instruments V62/04753-16YA Datasheet HTML 38Page - Texas Instruments V62/04753-16YA Datasheet HTML 39Page - Texas Instruments V62/04753-16YA Datasheet HTML 40Page - Texas Instruments V62/04753-16YA Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 128 page
background image
SM320C6711EP, SM320C6711BEP, SM320C6711CEP, SM320C6711DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS054A − AUGUST 2004 − REVISED SEPTEMBER 2005
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
device and development-support tool nomenclature (continued)
Table 18. 320C6711/C6711B/C6711C/C6711D Device Part Numbers (P/Ns) and Ordering Information
DEVICE ORDERABLE P/N
DEVICE SPEED
CVDD
(CORE
VOLTAGE)
DVDD
(I/O
VOLTAGE)
OPERATING CASE
TEMPERATURE
RANGE
C6711D
SM32C6711DGDPA16EP
167 MHz/1000 MFLOPS
1.20† V
3.3 V
−40
_C to105_C
SM32C6711DGDPI20EP
167 MHz/1000 MFLOPS
1.20† V
3.3 V
−40
_C to 85_C
PREFIX
DEVICE SPEED RANGE
SM
32
C 6711D GDP
16
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
SMJ = MIL-PRF-38535, QML
SM = High Rel (non-38535)
DEVICE FAMILY
32 or 320 =
TMS320
 DSP family
TECHNOLOGY
PACKAGE TYPE†
C = CMOS
DEVICE
† BGA =
Ball Grid Array
QFP
=
Quad Flatpack
TEMPERATURE RANGE (DEFAULT: 0
°C TO 90°C)
(A)
Blank = 0
°C to 90°C, commercial temperature
A
= −40
°C to 105°C, extended temperature
167 MHz
GDP = 272-pin plastic BGA
GFN = 256-pin plastic BGA
GGP = 352-pin plastic BGA
GJC = 352-pin plastic BGA
GJL = 352-pin plastic BGA
GLS = 384-pin plastic BGA
GLW = 340-pin plastic BGA
GNY = 384-pin plastic BGA
GNZ = 352-pin plastic BGA
GLZ = 532-pin plastic BGA
GHK = 288-pin plastic MicroStar BGA
t
PYP = 208-pin PowerPAD
t plastic QFP
C6000 DSPs:
C6711D C6712D C6713B
Figure 5. TMS320C6000
 DSP Device Nomenclature (Including the 320C6711, 320C6711B,
320C6711C, and 320C6711D Devices)
MicroStar BGA and PowerPAD are trademarks of Texas Instruments.
† This value is compatible with existing 1.26V devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com