Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB-001LEVALZ Datasheet(PDF) 34 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 34 Page - Intersil Corporation

Back Button KMB-001LEVALZ Datasheet HTML 26Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 27Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 28Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 29Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 30Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 31Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 32Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 33Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 34Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
ISLA214P12
34
FN7982.2
June 27, 2012
Package Outline Drawing
L72.10x10E
72 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 11/09
72
EXPOSED
1
7.150 REF.
4.150 REF.
0.100
A
MC
B
A
0.100 M C
B
6
PIN #1
INDEX AREA
PAD AREA
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.10
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.015mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ANSI Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "Z"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
1
72
Y
72
1
Z
R0.115 TYP.
R0.200
SEATING
PLANE
R0.200 MAX.
ALL AROUND
10.00 ±0.10
0.500 ±0.100
(0.350)
0.190~0.245
0.025 ±0.020
0.23 ±0.050
0.50
11°
9.75 ±0.10
C
9.75
(4X)
0.15
INDEX AREA
6
PIN 1
10.00
A
B
10.00
9.75
ALL AROUND
(4X 9.70)
(4.15 REF)
(4X 8.50)
( 72X 0 .23)
( 72X 0 .70)
(7.15)
(6.00)
(3.00 )
C0.400X45° (4X)
(0
.1
25
A
LL
A
R
O
U
N
D
)
A
0.100
C
MB
0.050 M C
C
0.080
0.100 C
DETAIL "X"
DETAIL "Y"
Angular ±2.50°
Package outline compliant to JESD-M0220.
7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com