Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB-001LEVALZ Datasheet(PDF) 19 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 19 Page - Intersil Corporation

Back Button KMB-001LEVALZ Datasheet HTML 15Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 16Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 17Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 18Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 19Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 20Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 21Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 22Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
ISLA214P12
19
FN7982.2
June 27, 2012
FIGURE 25. TYPICAL SNR PERFORMANCE vs TEMPERATURE,
DEVICE CALIBRATED AT +85°C, fIN = 105MHz
FIGURE 26. TYPICAL SFDR PERFORMANCE vs TEMPERATURE,
DEVICE CALIBRATED AT +85°C, fIN = 105MHz
Temperature Calibration (Continued)
74.00
74.25
74.50
74.75
75.00
75.25
75.50
65
70
75
80
85
TEMPERATURE (°C)
-2dBFS ANALOG INPUT
-1dBFS ANALOG INPUT
80
85
90
95
65
70
75
80
85
-2dBFS ANALOG INPUT
-1dBFS ANALOG INPUT
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com