Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB-001LEVALZ Datasheet(PDF) 17 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 17 Page - Intersil Corporation

Back Button KMB-001LEVALZ Datasheet HTML 13Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 14Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 15Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 16Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 17Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 18Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 19Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 20Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ISLA214P12
17
FN7982.2
June 27, 2012
Theory of Operation
Functional Description
The ISLA214P12 is based on a 14-bit, 125MSPS A/D converter
core that utilizes a pipelined successive approximation
architecture (see Figure 19). The input voltage is captured by a
Sample-Hold Amplifier (SHA) and converted to a unit of charge.
Proprietary charge-domain techniques are used to successively
compare the input to a series of reference charges. Decisions
made during the successive approximation operations determine
the digital code for each input value. Digital error correction is also
applied, resulting in a total latency of 10 clock cycles. This is
evident to the user as a latency between the start of a conversion
and the data being available on the digital outputs.
Power-On Calibration
As mentioned previously, the cores perform a self-calibration at
start-up. An internal power-on-reset (POR) circuit detects the
supply voltage ramps and initiates the calibration when the
analog and digital supply voltages are above a threshold. The
following conditions must be adhered to for the power-on
calibration to execute successfully.
• A frequency-stable conversion clock must be applied to the
CLKP/CLKN pins
• DNC pins must not be connected
• SDO has an internal pull-up and should not be driven externally
• RESETN is pulled low by the ADC internally during POR.
External driving of RESETN is optional.
• SPI communications must not be attempted
A user-initiated reset can subsequently be invoked in the event
that the above conditions cannot be met at power-up.
After the power supply has stabilized the internal POR releases
RESETN and an internal pull-up pulls it high, which starts the
calibration sequence. If a subsequent user-initiated reset is
desired, the RESETN pin should be connected to an open-drain
driver with an off-state/high impedance state leakage of less
than 0.5mA to assure exit from the reset state so calibration can
start.
The calibration sequence is initiated on the rising edge of
RESETN, as shown in Figure 20. Calibration status can be
determined by reading the cal_status bit (LSB) at 0xB6. This bit is
‘0’ during calibration and goes to a logic ‘1’ when calibration is
complete. The data outputs produce 0xCCCC during calibration;
this can also be used to determine calibration status.
While RESETN is low, the output clock (CLKOUTP/CLKOUTN) is
set low. Normal operation of the output clock resumes at the
next input clock edge (CLKP/CLKN) after RESETN is de-asserted.
At 125MSPS the nominal calibration time is 560ms, while the
maximum calibration time is 1000ms.
FIGURE 19. A/D CORE BLOCK DIAGRAM
DIGITAL
ERROR
CORRECTION
SHA
1.25V
INP
INN
CLOCK
GENERATION
2.5- BIT
FLASH
6- STAGE
1.5- BIT/ STAGE
3- STAGE
1- BIT/ STAGE
3- BIT
FLASH
LVDS/ LVCMOS
OUTPUTS
+
–
FLASH
2.5-BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com