Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S207MBT3TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8S207MBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8S207MBT3TR Datasheet HTML 51Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 52Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 53Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 54Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 55Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 56Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 57Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 58Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 12
55/103
10.3
Operating conditions
The device must be used in operating conditions that respect the parameters in Table 18. In
addition, full account must be taken of all physical capacitor characteristics and tolerances.
Table 18.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal CPU clock frequency
TA ≤ 105 °C
0
24
MHz
0
16
MHz
VDD/VDD_IO Standard operating voltage
2.95
5.5
V
VCAP
(1)
1.
Care should be taken when selecting the capacitor, due to its tolerance, as well as the parameter
dependency on temperature, DC bias and frequency in addition to other factors. The parameter maximum
value must be respected for the full application range.
CEXT: capacitance of
external capacitor
470
3300
nF
ESR of external capacitor
at 1 MHz(2)
2.
This frequency of 1 MHz as a condition for VCAP parameters is given by design of internal regulator.
-0.3
Ω
ESL of external capacitor
-
15
nH
PD
(3)
3.
To calculate PDmax(TA), use the formula PDmax = (TJmax - TA)/ΘJA (see Section 11.2: Thermal
characteristics on page 95) with the value for TJmax given in Table 18 above and the value for
Θ
JA given in
Table 57: Thermal characteristics.
Power dissipation at
TA = 85° C for suffix 6
or TA = 125° C for suffix 3
44, 48, 64, and 80-pin
devices, with output on 8
standard ports, 2 high sink
ports and 2 open drain ports
simultaneously(4)
4.
Refer to Section 11.2: Thermal characteristics on page 95 for the calculation method.
443
mW
32-pin package, with output
on 8 standard ports and 2
high sink ports
simultaneously(4)
360
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
-40
85
°C
Ambient temperature for 3
suffix version
Maximum power dissipation
-40
125
TJ
Junction temperature range
6 suffix version
-40
105
3 suffix version
-40
130(5)
5.
TJmax is given by the test limit. Above this value the product behavior is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com