Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S207MBT3TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8S207MBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8S207MBT3TR Datasheet HTML 11Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 12Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 13Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 14Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 15Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 16Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 17Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 18Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 103 page
background image
STM8S207xx, STM8S208xx
Product overview
Doc ID 14733 Rev 12
15/103
The size of the UBC is programmable through the UBC option byte (Table 13.), in
increments of 1 page (512 bytes) by programming the UBC option byte in ICP mode.
This divides the program memory into two areas:
●
Main program memory: Up to 128 Kbytes minus UBC
●
User-specific boot code (UBC): Configurable up to 128 Kbytes
The UBC area remains write-protected during in-application programming. This means that
the MASS keys do not unlock the UBC area. It protects the memory used to store the boot
program, specific code libraries, reset and interrupt vectors, the reset routine and usually the
IAP and communication routines.
Figure 2.
Flash memory organisation
Read-out protection (ROP)
The read-out protection blocks reading and writing the Flash program memory and data
EEPROM memory in ICP mode (and debug mode). Once the read-out protection is
activated, any attempt to toggle its status triggers a global erase of the program and data
memory. Even if no protection can be considered as totally unbreakable, the feature
provides a very high level of protection for a general purpose microcontroller.
Programmable area from 1 Kbyte
Data
UBC area
Program memory area
Data memory area (2 Kbytes)
(2 first pages) up to 128 Kbytes
EEPROM
Remains write protected during IAP
memory
128 Kbytes
Flash
Up to
Write access possible for IAP
program
memory
(1 page steps)
Option bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com