Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S207MBT3TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM8S207MBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM8S207MBT3TR Datasheet HTML 10Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 11Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 12Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 13Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 14Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 15Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 16Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 17Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
Product overview
STM8S207xx, STM8S208xx
14/103
Doc ID 14733 Rev 12
4.2
Single wire interface module (SWIM) and debug module (DM)
The single wire interface module and debug module permits non-intrusive, real-time in-
circuit debugging and fast memory programming.
SWIM
Single wire interface module for direct access to the debug module and memory
programming. The interface can be activated in all device operation modes. The maximum
data transmission speed is 145 bytes/ms.
Debug module
The non-intrusive debugging module features a performance close to a full-featured
emulator. Beside memory and peripherals, also CPU operation can be monitored in real-
time by means of shadow registers.
●
R/W to RAM and peripheral registers in real-time
●
R/W access to all resources by stalling the CPU
●
Breakpoints on all program-memory instructions (software breakpoints)
●
Two advanced breakpoints, 23 predefined configurations
4.3
Interrupt controller
●
Nested interrupts with three software priority levels
●
32 interrupt vectors with hardware priority
●
Up to 37 external interrupts on six vectors including TLI
●
Trap and reset interrupts
4.4
Flash program and data EEPROM memory
●
Up to 128 Kbytes of high density Flash program single voltage Flash memory
●
Up to 2K bytes true data EEPROM
●
Read while write: Writing in data memory possible while executing code in program
memory.
●
User option byte area
Write protection (WP)
Write protection of Flash program memory and data EEPROM is provided to avoid
unintentional overwriting of memory that could result from a user software malfunction.
There are two levels of write protection. The first level is known as MASS (memory access
security system). MASS is always enabled and protects the main Flash program memory,
data EEPROM and option bytes.
To perform in-application programming (IAP), this write protection can be removed by writing
a MASS key sequence in a control register. This allows the application to write to data
EEPROM, modify the contents of main program memory or the device option bytes.
A second level of write protection, can be enabled to further protect a specific area of
memory known as UBC (user boot code). Refer to Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com