Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7419 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7419
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7419_09 Datasheet HTML 7Page - STMicroelectronics TDA7419_09 Datasheet HTML 8Page - STMicroelectronics TDA7419_09 Datasheet HTML 9Page - STMicroelectronics TDA7419_09 Datasheet HTML 10Page - STMicroelectronics TDA7419_09 Datasheet HTML 11Page - STMicroelectronics TDA7419_09 Datasheet HTML 12Page - STMicroelectronics TDA7419_09 Datasheet HTML 13Page - STMicroelectronics TDA7419_09 Datasheet HTML 14Page - STMicroelectronics TDA7419_09 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TDA7419
Electrical specifications
11/40
Volume control
GMAX
Max gain
13
15
17
dB
AMAX
Max attenuation
-83
-79
-75
dB
ASTEP
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
G = -20 to +20 dB
-0.75
0
+0.75
dB
G = -79 to -20 dB
-4
0
3
dB
ET
Tracking error
2dB
VDC
DC steps
Adjacent attenuation steps
-3
0.1
3
mV
From 0dB to GMIN
-5
0.5
5
mV
Soft-mute
AMUTE
Mute attenuation
80
100
dB
TD
Delay time
T1
0.48
1
ms
T2
0.96
2
ms
T3
70
123
170
ms
VTH Low Low threshold for SM pin
1
V
VTH High High threshold for SM pin
2.5
V
RPU
Internal pull-up resistor
32
45
58
k
Ω
VPU
Internal pull-up voltage
3.3
V
Bass control
Fc
Center frequency
fC1
54
60
66
Hz
fC2
72
80
88
Hz
fC3
90
100
110
Hz
fC4
180
200
220
Hz
QBASS
Quality factor
Q1
0.911.1
Q2
1.11.251.4
Q3
1.3
1.5
1.7
Q4
1.822.2
CRANGE Control range
±14
±15
±16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
DCGAIN Bass-DC-gain
DC = off
-1
0
+1
dB
DC = on (shelving filter, use for
cut only)
-4.4
dB
Table 6.
Electrical characteristics (continued)
VS = 8.5V; Tamb = 25°C; RL = 10kΩ; all gains = 0 dB; f = 1 kHz; unless otherwise specified
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com