Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7419 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7419
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7419_09 Datasheet HTML 8Page - STMicroelectronics TDA7419_09 Datasheet HTML 9Page - STMicroelectronics TDA7419_09 Datasheet HTML 10Page - STMicroelectronics TDA7419_09 Datasheet HTML 11Page - STMicroelectronics TDA7419_09 Datasheet HTML 12Page - STMicroelectronics TDA7419_09 Datasheet HTML 13Page - STMicroelectronics TDA7419_09 Datasheet HTML 14Page - STMicroelectronics TDA7419_09 Datasheet HTML 15Page - STMicroelectronics TDA7419_09 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Electrical specifications
TDA7419
12/40
Middle control
CRANGE Control range
±14
±15
±16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fc
Center frequency
fC1
400
500
600
Hz
fC2
0.811.2
kHz
fC3
1.2
1.5
1.8
kHz
fC4
22.5
3
kHz
QBASS
Quality factor
Q1
0.45
0.5
0.55
Q2
0.65
0.75
0.85
Q3
0.911.1
Q4
1.11.251.4
Treble control
CRANGE Clipping level
±14
±15
±16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fc
Center frequency
fC1
810
12
kHz
fC2
10
12.5
15
kHz
fC3
12
15
18
kHz
fC4
14
17.5
21
kHz
Speaker attenuators
GMAX
Max gain
14
15
16
dB
AMAX
Max attenuation
-83
-79
-75
dB
ASTEP
Step resolution
0.5
1
1.5
dB
AMUTE
Mute attenuation
80
90
dB
EE
Attenuation set error
2
dB
VDC
DC steps
Adjacent attenuation steps
-5
0.1
5
mV
AUdio outputs
VCL
Clipping level
d = 0.3%
1.8
2
VRMS
ROUT
Output impedance
30
100
W
RL
Output load resistance
2
k
Ω
CL
Output load capacitor
10
nF
VDC
DC voltage level
3.8
4.0
4.2
V
Subwoofer attenuator
GMAX
Max gain
14
15
16
dB
AMAX
Max attenuation
-83
-79
-75
dB
Table 6.
Electrical characteristics (continued)
VS = 8.5V; Tamb = 25°C; RL = 10kΩ; all gains = 0 dB; f = 1 kHz; unless otherwise specified
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com