Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7419 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7419
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7419_09 Datasheet HTML 10Page - STMicroelectronics TDA7419_09 Datasheet HTML 11Page - STMicroelectronics TDA7419_09 Datasheet HTML 12Page - STMicroelectronics TDA7419_09 Datasheet HTML 13Page - STMicroelectronics TDA7419_09 Datasheet HTML 14Page - STMicroelectronics TDA7419_09 Datasheet HTML 15Page - STMicroelectronics TDA7419_09 Datasheet HTML 16Page - STMicroelectronics TDA7419_09 Datasheet HTML 17Page - STMicroelectronics TDA7419_09 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Description of the audio processor
TDA7419
14/40
4
Description of the audio processor
4.1
Audio processor features
●
Input Multiplexer
–
QD / SE: quasi-differential stereo inputs, with selectable single-ended mode
–
SE1: stereo single-ended input
–
SE2: stereo single-ended input
–
SE3 / AC2IN: stereo single-ended input / HPF filter input
–
In-Gain 0 to 15dB, 1dB steps
–
internal offset-cancellation (AutoZero)
–
separate second source-selector
●
Mixing stage
–
mixable to front speaker-outputs
●
Loudness
–2nd order frequency response
–
programmable center frequency (400Hz/800Hz/2400Hz)
–
15 dB with 1 dB steps
–
selectable low and high frequency boost
–
selectable flat-mode (constant attenuation)
●
Volume
–
+15 dB to -79 dB with 1 dB step resolution
–
soft-step control with programmable blend times
●
Bass
–2nd order frequency response
–
center frequency programmable in 4 steps (60 Hz/80 Hz/100 Hz/200 Hz)
–
Q programmable 1.0/1.25/1.5/2.0
–
DC gain programmable
–
-15 to 15 dB range with 1 dB resolution
●
Middle
–2nd order frequency response
–
center frequency programmable in 4 steps (500Hz/1KHz/1.5KHz/2.5KHz)
–
Q programmable 0.5/0.75/1.0/1.25
–
DC gain programmable
–
-15 to 15dB range with 1dB resolution
●
Treble
–2nd order frequency response
–
center frequency programmable in 4 steps (10KHz/12.5KHz/15KHz/17.5KHz)
–
-15 to 15dB range with 1dB resolution
●
Spectrum analyzer
–
seven bandpass filters
–2nd order frequency response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com