Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560B64L5 Datasheet(PDF) 132 Page - STMicroelectronics

Part # SPC560B64L5
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B64L5 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button SPC560B64L5 Datasheet HTML 126Page - STMicroelectronics SPC560B64L5 Datasheet HTML 127Page - STMicroelectronics SPC560B64L5 Datasheet HTML 128Page - STMicroelectronics SPC560B64L5 Datasheet HTML 129Page - STMicroelectronics SPC560B64L5 Datasheet HTML 130Page - STMicroelectronics SPC560B64L5 Datasheet HTML 131Page - STMicroelectronics SPC560B64L5 Datasheet HTML 132Page - STMicroelectronics SPC560B64L5 Datasheet HTML 133Page - STMicroelectronics SPC560B64L5 Datasheet HTML 134Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 134 page
background image
Revision history
SPC560B54/6x
132/134
Doc ID 15131 Rev 6
13-Sep-2010
(continued)
4
(continued)
Table 40
– Removed gmSXOSC row
–ISXOSCBIAS: added min/typ/max value
Table 41:
– Added fVCO row
– Added
ΔtSTJIT row
Table 42
–IFIRCPWD: removed row for TA = 55 °C
– Updated TFIRCSU row
Table 45: Added two rows: IADC0pwd and IADC0run
Table 46
– Added two rows: IADC1pwd and IADC1run
– Updated values of fADC_1 and tADC1_PU
– Updated tADC1_C row
Updated
Table 47
Updated
Table 48
Added
Table 55
29-Oct- 2010
5
Removed “Preliminary—Subject to Change Without Notice” marking. This data sheet
contains specifications based on characterization data.
Updated
Table 55
Added
Table 56
Updated
Figure 37
12-Sep- 2011
6
Editorial and formatting changes throughout
Replaced instances of “e200z0” with “e200z0h”
Device family comparision table:
– added 1 MB code flash LQFP100 version
– added 1.5 MB code flash LQFP144 version
– removed 768 KB code flash LQFP176 version
– changed LINFlex count for 144-pin LQFP—was ‘6’; is ‘8’
– changed LINFlex count for 176-pin LQFP—was ‘8’; is ‘10’
– replaced 105 °C with 125 °C in footnote 2
SPC560B54/6 block diagram: added GPIO and VREG to legend
SPC560B54/6 series block summary: added acronym “JTAGC”; in WKPU function
changed “up to 18 external sources” to “up to 27 external sources”
LQFP144 pin configuration: for pins 37–72, restored the pin labels that existed prior to
27 July 2010
LQFP176 pin configuration: corrected name of pin 4: was EPC[15]; is PC[15]
Added following sections:
– Pad configuration during reset phases
– Pad configuration during standby mode exit
– Voltage supply pins
– Pad types
– System pins
– Functional port pins
– Nexus 2+ pins
Table 56.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com