Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8850 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8850 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 223 page
background image
w
WM8850
Multi-Channel High Definition Audio CODEC
WOLFSON MICROELECTRONICS plc
Pre Production, April 2011, Rev 3.2
Copyright
2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8850 is a high performance multi-channel audio
CODEC designed for high performance PC audio systems. The
device offers full compatibility with the Intel High Definition Audio
(HDA) specification revision 1.0, allowing seamless integration
with industry-standard HDA controllers.
The WM8850 has three high performance stereo DACs to
enable six channels of high definition audio, ideal for 5.1
channel applications.
A high-performance ground-referenced
stereo headphone amplifier utilises advanced charge pump and
DC servo technology to minimise system cost and space without
compromise on audio quality.
Line outputs provide a high-
quality differential connection to speaker amplifiers, enabling
common mode noise rejection when these traces are routed
across a PCB.
The WM8850 also has two high performance stereo ADCs to
provide Hi-Fi quality analogue line-in and microphone input
digitisation. A low noise microphone bias with programmable
output voltage is provided. Additionally, the CODEC contains a
digital microphone interface capable of supporting up to four
independent digital microphones. One differential stereo input is
provided for line level signals, while one pseudo-differential
stereo input with integrated microphone preamplifier is provided.
The WM8850 also contains a S/PDIF transceiver which is fully
compatible with IEC-60958-3. The S/PDIF receive and transmit
paths each contain a sample rate converter (SRC) to enable
asynchronous sample rate conversion between the S/PDIF
receive/transmit and HDA interface clock domains.
An
additional S/PDIF transmitter is provided to allow direct output of
a stereo stream from the HDA interface.
The WM8850 is supplied in a small 48-pin QFN package.
FEATURES
Multi-channel High Definition Audio CODEC
Fully compatible with Intel High Definition Audio Revision 1.0
6-Channel DAC, 4-channel ADC
DAC sampling frequency 8kHz - 192kHz
ADC sampling frequency 8kHz - 96kHz
DAC Performance:
-
SNR 108 dB (‘A’ weighted)
-
SNR 105dB (non weighted)
-
THD -96dB (at 0dBFS)
ADC Performance:
-
SNR 105 dB (‘A’ weighted)
-
SNR 102dB (non weighted)
-
THD -95dB (at -1dBFS)
Ground-referenced stereo headphone driver
Differential line inputs/outputs
Stereo microphone interface with integrated pre-amp
Multi-channel digital microphone interface
IEC-60958-3 compatible S/PDIF transceiver
Additional IEC-60958-3 compatible S/PDIF transmitter
Jack detect and load impedance sensing
Beep generator
GPIO functionality
IEEE-754 Single precision 32-bit floating point support
Power supplies
-
Digital core:
1.62V – 1.98V
-
Digital buffer:
2.97V – 3.63V
-
Analogue:
4.5V – 5.25V
-
Charge pump: 4.5V – 5.25V
48-pin 7mm x 7mm QFN package
APPLICATIONS
High performance PC audio
All-in-one desktop PC
Notebook PC


Similar Part No. - WM8850

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFT WOLFSON-WM8802SCFT Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFTV WOLFSON-WM8802SCFTV Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFV WOLFSON-WM8802SCFV Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
DIGITAL AUDIO INTERFACE RECEIVER
More results

Similar Description - WM8850

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
Multi-Channel High Definition Audio CODEC
logo
Cirrus Logic
WM8860 CIRRUS-WM8860 Datasheet
3Mb / 188P
Multi-channel High Definition Audio CODEC
logo
Realtek Semiconductor C...
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com